Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

61344_PEAX Datasheet(PDF) 6 Page - VAT Group AG

Part # 61344_PEAX
Description  Series 613, DN 25 - 320 mm (I.D. 1" - 12")
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG

61344_PEAX Datasheet(HTML) 6 Page - VAT Group AG

  61344_PEAX Datasheet HTML 1Page - VAT Group AG 61344_PEAX Datasheet HTML 2Page - VAT Group AG 61344_PEAX Datasheet HTML 3Page - VAT Group AG 61344_PEAX Datasheet HTML 4Page - VAT Group AG 61344_PEAX Datasheet HTML 5Page - VAT Group AG 61344_PEAX Datasheet HTML 6Page - VAT Group AG 61344_PEAX Datasheet HTML 7Page - VAT Group AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
VAT Vakuumventile AG
CH-9469 Haag, Schweiz
PRODUCT DATA SHEET
Series 613, DN 25 - 320 mm (I.D. 1" - 12")
Ordering No. 613..-….-….
Editor:
Date: 2022-09-13
Page 6 of 7
Replaced by:
Replacement for:
909244ED.DOCX
Modification No.
Modification No.
2.3.6 Logic
Connector
D-Sub, DB-25, female
Digital inputs
number of inputs
8
voltage control
contact control
5 … 24V / 2 … 10 mA
3.3V / 2 mA
Digital outputs
number of outputs
4
load
max. 70 V / 0.1 A
Analog input
number of inputs
1
voltage range
input resistance
0 … 10V
100 kOhm
Analog outputs
number of outputs
2
voltage range
load
0 … 10V
max. 1 mA
2.3.7 Profibus
Connector
D-Sub, DE-9, female
Communication
protocol
Profibus DP-V1, DP-V0
data rate
9.6, 19.2, 45.45, 93.75, 187.5, 500 kbps,
1.5, 3, 6, 12 Mbps
The baud rate is detected automatically or may be
configured
node address
SW configurable (0 – 125)
2.3.8 CC-Link
Connector
D-Sub, DE-9, female
Communication
protocol
CC-Link V2
data rate
156, 625, 500 kbps,
2.5, 5, 10 Mbps
SW configurable
station number
SW configurable (1– 64)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com