Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

61344_PEAX Datasheet(PDF) 1 Page - VAT Group AG

Part # 61344_PEAX
Description  Series 613, DN 25 - 320 mm (I.D. 1" - 12")
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG

61344_PEAX Datasheet(HTML) 1 Page - VAT Group AG

  61344_PEAX Datasheet HTML 1Page - VAT Group AG 61344_PEAX Datasheet HTML 2Page - VAT Group AG 61344_PEAX Datasheet HTML 3Page - VAT Group AG 61344_PEAX Datasheet HTML 4Page - VAT Group AG 61344_PEAX Datasheet HTML 5Page - VAT Group AG 61344_PEAX Datasheet HTML 6Page - VAT Group AG 61344_PEAX Datasheet HTML 7Page - VAT Group AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VAT Vakuumventile AG
CH-9469 Haag, Schweiz
PRODUCT DATA SHEET
Series 613, DN 25 - 320 mm (I.D. 1" - 12")
Ordering No. 613..-….-….
Editor:
Date: 2022-09-13
Page 1 of 7
Replaced by:
Replacement for:
909244ED.DOCX
Modification No.
Modification No.
1
Description
This product is a Butterfly control valve for conductance control in vacuum systems.
This Product Data Sheet is valid for the valve ordering number(s):
Sample picture only. Specified product
may differ in size, flange and options.
F = Ethernet
2
Example: 61340-PAGH = aluminum valve with ISO-F DN 100 flange, RS232 interface, 2 sensor inputs


Similar Part No. - 61344_PEAX

ManufacturerPart #DatasheetDescription
logo
VAT Group AG
61344_PEAH VAT-61344_PEAH Datasheet
111Kb / 7P
Series 613, DN 25 - 320 mm (I.D. 1" - 12")
61344_PEAN VAT-61344_PEAN Datasheet
111Kb / 7P
Series 613, DN 25 - 320 mm (I.D. 1" - 12")
More results

Similar Description - 61344_PEAX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG-320240D ETC1-AG-320240D Datasheet
415Kb / 1P
320 x 240 dots 1/240 Duty
logo
Molex Electronics Ltd.
0192150027 MOLEX4-0192150027 Datasheet
107Kb / 2P
12-10 TO 16-14 STEP DN BUTT TP (CB-346T)
0011200314 MOLEX11-0011200314 Datasheet
692Kb / 4P
ARBOR TERMINATOR FOR .156 SPACED I.D. CONNECTORS
0011200815 MOLEX11-0011200815 Datasheet
101Kb / 2P
ARBOR TERMINATOR FOR. 156 SPACED I.D. CONNECTORS
logo
Oscilent Corporation
CO-320 OSCILENT-CO-320 Datasheet
143Kb / 3P
320 Series Crystal Oscillator
logo
ITT Industries
PTS125SM43 ITT-PTS125SM43 Datasheet
86Kb / 3P
PTS125 Series 12 mm Tact Switches
logo
PHOENIX CONTACT
3200357 PHOENIX-3200357 Datasheet
49Kb / 3P
Ferrule - A 25 -12
logo
VACUUMSCHMELZE GmbH & C...
T60404-N4646-X300 VACUUMSCHMELZE-T60404-N4646-X300 Datasheet
236Kb / 5P
1 ??5 ??8 ??12 ??25 A Current Sensor
logo
PHOENIX CONTACT
2804380 PHOENIX-2804380 Datasheet
390Kb / 10P
Type 2 surge arrester - VAL-MS 320/11
02/04/2022
logo
TRACO Electronic AG
TXLN320 TRACOPOWER-TXLN320 Datasheet
924Kb / 5P
AC/DC Power Supply TXLN 320 Series, 320 Watt
Rev. March 16, 2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com