Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

61344_PEAX Datasheet(PDF) 3 Page - VAT Group AG

Part # 61344_PEAX
Description  Series 613, DN 25 - 320 mm (I.D. 1" - 12")
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG

61344_PEAX Datasheet(HTML) 3 Page - VAT Group AG

  61344_PEAX Datasheet HTML 1Page - VAT Group AG 61344_PEAX Datasheet HTML 2Page - VAT Group AG 61344_PEAX Datasheet HTML 3Page - VAT Group AG 61344_PEAX Datasheet HTML 4Page - VAT Group AG 61344_PEAX Datasheet HTML 5Page - VAT Group AG 61344_PEAX Datasheet HTML 6Page - VAT Group AG 61344_PEAX Datasheet HTML 7Page - VAT Group AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VAT Vakuumventile AG
CH-9469 Haag, Schweiz
PRODUCT DATA SHEET
Series 613, DN 25 - 320 mm (I.D. 1" - 12")
Ordering No. 613..-….-….
Editor:
Date: 2022-09-13
Page 3 of 7
Replaced by:
Replacement for:
909244ED.DOCX
Modification No.
Modification No.
2.2
Control unit
Power supply input
connector
D-Sub, DA-15, male
supply voltage
+24 VDC (±10%) @ 0.5 V pk-pk max.
Power consumption
(control / drive)
40 W (max.)
with optional SPS + 40 W
with optional PFO + 10 W
3 W max. (from DeviceNet® to DeviceNet® Interface
board of valve)
Ambient
temperature
0 °C to +50 °C max. (<35 °C recommended)
humidity
0 to 95% RH, non-condensing
Interface
remote
Refer to chapter 2.3
service port
USB-B
(USB 2.0)
Sensor
connector
D-Sub, DA-15, female
number of inputs
2
signal voltage
-10 … +10
 V
input resistance
100 k
Ω
ADC resolution
0.1 mV
sampling rate
2 ms
power supply (output)
+24 VDC / 1.5 A max. or
±15 VDC / 1.2 A max. (with SPS option)
Position resolution
5000 (90° angle)
Actuator type
servo control
Actuator backlash
< 0.02°
Pressure control accuracy
5 mV or 0.1% of setpoint, the higher value applies
Ingress Protection
IP 40



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com