Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7182ABCPZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 22Page - Analog Devices ADV7182ABCPZ Datasheet HTML 23Page - Analog Devices ADV7182ABCPZ Datasheet HTML 24Page - Analog Devices ADV7182ABCPZ Datasheet HTML 25Page - Analog Devices ADV7182ABCPZ Datasheet HTML 26Page - Analog Devices ADV7182ABCPZ Datasheet HTML 27Page - Analog Devices ADV7182ABCPZ Datasheet HTML 28Page - Analog Devices ADV7182ABCPZ Datasheet HTML 29Page - Analog Devices ADV7182ABCPZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 102 page
background image
ADV7182A
Data Sheet
Rev. 0 | Page 26 of 102
SD_SAT_Cb[7:0], SD Saturation Cb Channel—
Address 0xE3, Bits[7:0]
This register allows the user to control the gain of the blue
chroma (Cb) channel only, which in turn adjusts the saturation
of the picture.
Table 26. SD_SAT_Cb Function
SD_SAT_Cb[7:0]
Description
0x80 (default)
Gain on Cb channel = 0 dB
0x00
Gain on Cb channel = −42 dB
0xFF
Gain on Cb channel = +6 dB
SD_SAT_Cr[7:0], SD Saturation Red Chroma (Cr)
Channel—Address 0xE4, Bits[7:0]
This register allows the user to control the gain of the red
chroma (Cr) channel only, which in turn adjusts the saturation
of the picture.
Table 27. SD_SAT_Cr Function
SD_SAT_Cr[7:0]
Description
0x80 (default)
Gain on Cr channel = 0 dB
0x00
Gain on Cr channel = −42 dB
0xFF
Gain on Cr channel = +6 dB
SD_OFF_Cb[7:0], SD Offset Cb Channel—Address 0xE1,
Bits[7:0]
This register allows the user to select an offset for the Cb channel
only and to adjust the hue of the picture. There is a functional
overlap with the HUE[7:0] register (Address 0x0B).
Table 28. SD_OFF_Cb Function
SD_OFF_Cb[7:0]
Description
0x80 (default)
0 mV offset applied to the Cb channel
0x00
−312 mV offset applied to the Cb channel
0xFF
+312 mV offset applied to the Cb channel
SD_OFF_Cr[7:0], SD Offset Cr Channel—Address 0xE2,
Bits[7:0]
This register allows the user to select an offset for the Cr channel
only and to adjust the hue of the picture. There is a functional
overlap with the HUE[7:0] register.
Table 29. SD_OFF_Cr Function
SD_OFF_Cr[7:0]
Description
0x80 (default)
0 mV offset applied to the Cr channel
0x00
−312 mV offset applied to the Cr channel
0xFF
+312 mV offset applied to the Cr channel
BRI[7:0], Brightness Adjust—Address 0x0A, Bits[7:0]
This register controls the brightness of the video signal. It
allows the user to adjust the brightness of the picture.
Table 30. BRI Function
BRI[7:0]
Description
0x00 (default)
Offset of the luma channel = 0 IRE
0x7F
Offset of the luma channel = +30 IRE
0x80
Offset of the luma channel = −30 IRE
HUE[7:0], Hue Adjust—Address 0x0B, Bits[7:0]
This register contains the value for the color hue adjustment. It
allows the user to adjust the hue of the picture.
HUE[7:0] has a range of ±90°, with 0x00 equivalent to an
adjustment of 0°. The resolution of HUE[7:0] is 1 bit = 0.7°.
The hue adjustment value is fed into the color demodulation block.
Therefore, it applies only to video signals that contain chroma
information in the form of an AM modulated carrier (CVBS or
Y/C in PAL or NTSC). It does not affect SECAM and does not
work on component video inputs (YPrPb).
Table 31. HUE Function
HUE[7:0]
Description (Adjust Hue of the Picture)
0x00 (default)
Phase of the chroma signal = 0°
0x7F
Phase of the chroma signal = −90°
0x80
Phase of the chroma signal = +90°
DEF_Y[5:0], Default Value Y—Address 0x0C, Bits[7:2]
When the ADV7182A loses lock on the incoming video signal
or when there is no input signal, the DEF_Y[5:0] register allows
the user to specify a default luma value to be output. This value
is used under the following conditions:
If the DEF_VAL_AUTO_EN bit is 1 and the ADV7182A
lost lock to the input video signal, this is the intended
mode of operation (automatic mode).
If the DEF_VAL_EN bit is 1, regardless of the lock status of
the video decoder, this is a forced mode that is useful
during configuration.
The DEF_Y[5:0] values define the six MSBs of the output video.
The remaining LSBs are padded with 0s. For example, in 8-bit
mode, the output is Y[7:0] = [DEF_Y[5:0], 0, 0].
For DEF_Y[5:0], 0x0D (blue) is the default value for Y.
Register 0x0C has a default value of 0x36.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com