Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7182ABCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 9Page - Analog Devices ADV7182ABCPZ Datasheet HTML 10Page - Analog Devices ADV7182ABCPZ Datasheet HTML 11Page - Analog Devices ADV7182ABCPZ Datasheet HTML 12Page - Analog Devices ADV7182ABCPZ Datasheet HTML 13Page - Analog Devices ADV7182ABCPZ Datasheet HTML 14Page - Analog Devices ADV7182ABCPZ Datasheet HTML 15Page - Analog Devices ADV7182ABCPZ Datasheet HTML 16Page - Analog Devices ADV7182ABCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
Data Sheet
ADV7182A
Rev. 0 | Page 13 of 102
POWER SUPPLY SEQUENCING
OPTIMAL POWER-UP SEQUENCE
The optimal power-up sequence for the ADV7182A is
guaranteed by production testing.
The optimal power-up sequence for the ADV7182A is to first
power up the 3.3 V DVDDIO supply, followed by the 1.8 V supplies
(DVDD, PVDD, and AVDD).
When powering up the ADV7182A, follow these steps. During
power-up, all supplies must adhere to the specifications listed in
the Absolute Maximum Ratings section.
1.
Assert the PWRDWN pin and the RESET pin (pull the
pins low).
2.
Power up the DVDDIO supply.
3.
After DVDDIO is fully asserted, power up the 1.8 V supplies.
4.
After the 1.8 V supplies are fully asserted, pull the
PWRDWN pin high.
5.
Wait 5 ms and then pull the RESET pin high.
6.
After all power supplies, the PWRDWN pin, and the
RESET pin are powered up and stable, wait an additional
5 ms before initiating I2C communication with the
ADV7182A.
SIMPLIFIED POWER-UP SEQUENCE
The simplified power-up sequence is guaranteed by
characterization.
Alternatively, the ADV7182A can be powered up by asserting
all supplies and the PWRDWN pin simultaneously. During this
operation, the RESET pin must remain low. After the supplies
and PWRDWN are fully asserted, wait at least 5 ms before
bringing the RESET pin high. After the RESET pin is fully asserted,
wait an additional 5 ms before initiating I2C communication with
the ADV7182A.
While the supplies are being established, take care to ensure that
a lower rated supply does not go above a higher rated supply level.
During power-up, all supplies must adhere to the specifications
listed in the Absolute Maximum Ratings section.
POWER-DOWN SEQUENCE
The ADV7182A supplies can be deasserted simultaneously as
long as DVDDIO does not go below a lower rated supply.
UNIVERSAL POWER SUPPLY
It is possible to power all the supplies (DVDD, PVDD, AVDD, and
DVDDIO) to 1.8 V. In this case, apply the power-up sequences as
described in the Optimal Power-Up Sequence section and the
Simplified Power-Up Sequence section. The only change is that
DVDDIO is powered up to 1.8 V instead of 3.3 V.
In this setup,
Power up the PWRDWN pin and the RESET pin to 1.8 V
instead of 3.3 V.
Set the drive strengths of the digital outputs of the ADV7182A
to the maximum setting (see the Global Pin Control section).
Connect any pull-up resistors connected to pins on the
ADV7182A (such as the SCLK pin and the SDATA pin) to
1.8 V and not 3.3 V.
Figure 5. Recommended Power-Up Sequence
3.3V
1.8V
TIME
3.3V SUPPLY
POWER-UP
1.8V SUPPLIES
POWER-UP
3.3V SUPPLY
PWRDWN PIN
PWRDWN PIN
POWER-UP
RESET PIN
POWER-UP
5ms
RESET
OPERATION
5ms
WAIT
RESET PIN
1.8V SUPPLIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com