Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7182ABCPZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 13Page - Analog Devices ADV7182ABCPZ Datasheet HTML 14Page - Analog Devices ADV7182ABCPZ Datasheet HTML 15Page - Analog Devices ADV7182ABCPZ Datasheet HTML 16Page - Analog Devices ADV7182ABCPZ Datasheet HTML 17Page - Analog Devices ADV7182ABCPZ Datasheet HTML 18Page - Analog Devices ADV7182ABCPZ Datasheet HTML 19Page - Analog Devices ADV7182ABCPZ Datasheet HTML 20Page - Analog Devices ADV7182ABCPZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 102 page
background image
Data Sheet
ADV7182A
Rev. 0 | Page 17 of 102
ANTIALIASING FILTERS
The ADV7182A has optional on-chip antialiasing (AA) filters
on each of the four channels that are multiplexed to the ADC
(see Figure 9). The filters are designed for standard definition
video up to 10 MHz bandwidth. Figure 10 and Figure 11 show the
filter magnitude and phase characteristics.
The antialiasing filters are enabled by default and the selection
of INSEL[4:0] determines which filters are powered up at any
given time. For example, if CVBS mode is selected, the filter
circuits for the remaining input channels are powered down to
conserve power. However, the antialiasing filters can be disabled
or bypassed using the AA_FILT_MAN_OVR control.
Figure 9. Antialias Filter Configuration
Figure 10. Antialiasing Filter Magnitude Response
Figure 11. Antialiasing Filter Phase Response
AA_FILT_MAN_OVR, Antialiasing Filter Override—
Address 0xF3, Bit 4
This feature allows the user to override the antialiasing filters
on/off settings, which are automatically selected by INSEL[4:0].
AA_FILT_EN[3:0], Antialiasing Filter Enable—
Address 0xF3, Bits[3:0]
These bits allow the user to enable or disable the antialiasing
filters on each of the four input channels multiplexed to the
ADC. When disabled, the analog signal bypasses the AA filters
and is routed directly to the ADC.
AA_FILT_EN[0], Antialiasing Filter Enable—Address 0xF3,
Bit 0
When AA_FILT_EN[0] is 0, AA Filter 1 is disabled. When
AA_FILT_EN[0] is 1, AA Filter 1 is enabled.
AA_FILT_EN[1], Antialiasing Filter Enable—Address 0xF3,
Bit 1
When AA_FILT_EN[1] is 0, AA Filter 2 is disabled. When
AA_FILT_EN[1] is 1, AA Filter 2 is enabled.
AA_FILT_EN[2], Antialiasing Filter Enable—Address 0xF3,
Bit 2
When AA_FILT_EN[2] is 0, AA Filter 3 is disabled. When
AA_FILT_EN[2] is 1, AA Filter 3 is enabled.
AA_FILT_EN[3], Antialiasing Filter Enable—Address 0xF3,
Bit 3
When AA_FILT_EN[3] is 0, AA Filter 4 is disabled. When
AA_FILT_EN[3] is 1, AA Filter 4 is enabled.
Table 11. Manual Mux Settings for ADC (MAN_MUX_EN Must be Set to 1)1, 2, 3, 4
MUX_0[2:0] ADC Connected To
MUX_1[2:0] ADC Connected To
MUX_2[2:0] ADC Connected To
MUX_3[2:0] ADC Connected To
000
No connect
000
No connect
000
No connect
000
No connect
001
AIN1
001
No connect
001
No connect
001
No connect
010
AIN2
010
AIN2
010
AIN2
010
AIN2
011
AIN3
011
No connect
011
AIN3
011
No connect
100
AIN4
100
AIN4
100
No connect
100
AIN4
1 CVBS can only be processed by MUX_0.
2 Differential CVBS can only be processed by MUX_0 (positive channel) and MUX_3 (negative channel).
3 Y/C can only be processed by MUX_0 and MUX_1.
4 YPrPb can only be processed by MUX_0, MUX_1, and MUX_2.
AIN1
AIN2
AIN3
AIN4
AA
FILTER 1
AA
FILTER 2
AA
FILTER 3
AA
FILTER 4
10-BIT, 86MHz
ADC
ADC
SHA
+
–
0
–36
1k
100M
FREQUENCY (Hz)
10k
100k
1M
10M
–4
–8
–12
–16
–20
–24
–28
–32
0
–150
1k
100M
FREQUENCY (Hz)
10k
100k
1M
10M
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com