Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7182ABCPZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 21Page - Analog Devices ADV7182ABCPZ Datasheet HTML 22Page - Analog Devices ADV7182ABCPZ Datasheet HTML 23Page - Analog Devices ADV7182ABCPZ Datasheet HTML 24Page - Analog Devices ADV7182ABCPZ Datasheet HTML 25Page - Analog Devices ADV7182ABCPZ Datasheet HTML 26Page - Analog Devices ADV7182ABCPZ Datasheet HTML 27Page - Analog Devices ADV7182ABCPZ Datasheet HTML 28Page - Analog Devices ADV7182ABCPZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 102 page
background image
Data Sheet
ADV7182A
Rev. 0 | Page 25 of 102
Figure 13. Lock Related Signal Path
SRLS, Select Raw Lock Signal—Address 0x51, Bit 6
Using the SRLS bit, the user can choose between two sources for
determining the lock status per Bits[1:0] in the Status 1 register
(see Figure 13):
The TIME_WIN signal is based on a line to line evaluation
of the horizontal synchronization pulse of the incoming
video and reacts quickly.
The FREE_RUN signal evaluates the properties of the
incoming video over several fields, taking vertical
synchronization information into account.
Setting SRLS to 0 (default) selects the FREE_RUN signal; that
is, the signal evaluates the properties of the incoming video over
several fields.
Setting SRLS to 1 selects the TIME_WIN signal; that is, the
signal evaluates the horizontal synchronization pulse of the
incoming video on a line to line basis.
FSCLE, fSC Lock Enable—Address 0x51, Bit 7
The FSCLE bit allows the user to choose whether the status of
the color subcarrier loop is taken into account when the overall
lock status is determined and presented via Bits[1:0] in the
Status 1 register. This bit must be set to 0 when operating the
ADV7182A in YPrPb component mode to generate a reliable
HLOCK status bit.
When FSCLE is 0 (default), the overall lock status is dependent
only on horizontal sync lock. When FSCLE is 1, the overall lock
status is dependent on horizontal sync lock and fSC lock.
CIL[2:0], Count in to Lock—Address 0x51, Bits[2:0]
CIL[2:0] determines the number of consecutive lines for which
the lock condition must be true before the system switches into
the locked state and reports this via Bits[1:0] in the Status 1 register.
The bit counts the value in lines of video.
Table 23. CIL Function
CIL[2:0]
Number of Video Lines
000
1
001
2
010
5
011
10
100 (default)
100
101
500
110
1000
111
100,000
COL[2:0], Count Out of Lock (COL)—Address 0x51,
Bits[5:3]
COL[2:0] determines the number of consecutive lines for which
the out of lock condition must be true before the system switches
into the unlocked state and reports this via Bits[1:0] in the
Status 1 register. COL[2:0] counts the value in lines of video.
Table 24. COL Function
COL[2:0]
Number of Video Lines
000
1
001
2
010
5
011
10
100 (default)
100
101
500
110
1000
111
100,000
COLOR CONTROL REGISTERS
The color control registers allow the user to control picture
appearance, including control of active data in the event of
video being lost. These controls are independent of any other
controls. For instance, brightness control is independent of
picture clamping, although both controls affect the dc level of
the signal.
CON[7:0], Contrast Adjust—Address 0x08, Bits[7:0]
This register allows the user to control contrast adjustment of
the picture.
Table 25. CON Function
CON[7:0]
Description
0x80 (default)
Gain on luma channel = 1
0x00
Gain on luma channel = 0
0xFF
Gain on luma channel = 2
1
0
TIME_WIN
FREE_RUN
STATUS 1[0]
SELECT THE RAW LOCK SIGNAL
SRLS
FILTER THE RAW LOCK SIGNAL
CIL[2:0], COL[2:0]
TAKE fSC LOCK INTO ACCOUNT
FSCLE
STATUS 1[1]
fSC LOCK
1
0
COUNTER INTO LOCK
COUNTER OUT OF LOCK
MEMORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com