Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7182ABCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 10Page - Analog Devices ADV7182ABCPZ Datasheet HTML 11Page - Analog Devices ADV7182ABCPZ Datasheet HTML 12Page - Analog Devices ADV7182ABCPZ Datasheet HTML 13Page - Analog Devices ADV7182ABCPZ Datasheet HTML 14Page - Analog Devices ADV7182ABCPZ Datasheet HTML 15Page - Analog Devices ADV7182ABCPZ Datasheet HTML 16Page - Analog Devices ADV7182ABCPZ Datasheet HTML 17Page - Analog Devices ADV7182ABCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 102 page
background image
ADV7182A
Data Sheet
Rev. 0 | Page 14 of 102
CRYSTAL OSCILLATOR DESIGN
The ADV7182A requires a stable and accurate clock source to
guarantee operation. This clock is typically provided by a crystal
resonator (XTAL), but can also be provided by a clock oscillator.
The required circuitry for an XTAL is shown in Figure 50. A
damping resistor (RDAMP) is required on the output of the
ADV7182A XTAL amplifier (XTALP). The purpose of this
damping resistor is to limit the current flowing through the
XTAL and to limit the voltage across the XTAL amplifier. To
define the appropriate value of the damping resistor, RDAMP
(see the Typical Circuit Connection section), consult the
accompanying calculator tool (visit the design resources
section at www.analog.com/ADV7182A to download).
The other components in the XTAL circuit must be chosen
carefully; for example, incorrectly selected load capacitors may
result in an offset to the crystal oscillation frequency. For more
information on such considerations, refer to the AN-1260
Application Note, Crystal Design Considerations for Video
Decoders, HDMI Receivers, and Transceivers. After the XTAL
circuit is defined, it is recommended to consult the XTAL
vendor to ensure that the design operates with a sufficient
margin across all conditions.
The evaluation of the ADV7182A was completed using an
XTAL with typical characteristics, as described in Table 9.
Table 9. Reference XTAL Characteristics
Characteristic
Value
Unit
Package
3.2 × 2.5 ×
0.8
mm
Nominal Frequency
28.63636
MHz
Mode of Oscillation
Fundamental
Not
applicable
Frequency Calibration (at 25°C)
±20
ppm
Frequency Temperature Stability
Tolerance
±50
ppm
Operating Temperature Range
−40 to +125
°C
Maximum Equivalent Series
Resistance
25
Ω
Load Capacitance
12
pF
Drive Level
200
μW
Maximum Shunt Capacitance
5
pF
Aging per Year
±3
ppm
The values in Table 9 are provided for reference only. It is
recommended to characterize the operation of the XTAL circuit
thoroughly across the operating temperature range of the
application, in conjunction with the XTAL vendor, prior to
releasing any new design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com