Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 15 Page - Texas Instruments

Part # INA821
Description  PGA848 Low-Noise, Wide-Bandwidth, Scope Gain, Single-Ended Output, Programmable Gain Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA821 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA821 Datasheet HTML 11Page - Texas Instruments INA821 Datasheet HTML 12Page - Texas Instruments INA821 Datasheet HTML 13Page - Texas Instruments INA821 Datasheet HTML 14Page - Texas Instruments INA821 Datasheet HTML 15Page - Texas Instruments INA821 Datasheet HTML 16Page - Texas Instruments INA821 Datasheet HTML 17Page - Texas Instruments INA821 Datasheet HTML 18Page - Texas Instruments INA821 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
The circuit accepts single-ended or differential input signals. The PGA848 operates with independent input and
output power supplies. In this example, ±15V power supplies power the input stage, and a unipolar 5.3V supply
powers the output stage. The PGA848 output stage supply is powered by the same 5.3V ADC supply. The 5.3V
output supply operation prevents overloading the ADC inputs during PGA overdrive conditions. The REF6250
is selected as the ADC voltage reference. The REF6250 is a low-noise, low-drift, precision, 5V reference
connected to the ADS8860 reference input ADC REFIN pin.
The PGA848 output voltage is developed with respect to the REF pin. The REF pin is set to the SAR ADC
midscale voltage by dividing the REF6250 ADC reference with a precision resistive voltage divider. The OPA192
buffer drives the PGA848 REF pin. The OPA192 is a precision amplifier with low offset, low drift, and 10MHz
bandwidth.
8.2.1.1 Design Requirements
Table 8-1 lists the design requirements for the application driving the ADS8860 ADC.
Table 8-1. Design Parameters
PARAMETER
VALUE
Supply voltages
VS± = ±15V, VLVDD = 5.3V, VLVSS = GND, ADC REFIN = 5V
PGA848 reference pin
VREF = 2.5V
Full-scale range of the ADC
FSR = 5V
Sampling rate of the ADC
fSAMPLE = 1MSPS
Signal frequency
1kHz
RC kickback filter
RFIL = 15Ω, CDIFF = 1.2nF, CCM = 120pF
8.2.1.2 Detailed Design Procedure
The first filter located at the input of the PGA (see Figure 8-5) helps reduce electromagnetic interference
(EMI) and radio frequency interference (RFI), high-frequency, extrinsic noise. Customize this filter as per the
application bandwidth and antialiasing requirements.
The second filter is provided by CFB in parallel with the PGA 6.67kΩ feedback resistors. The PGA resistors
are ±15% absolute tolerance, as such, consider the effect of the tolerance on the filter cutoff frequency. CFB =
75pF results in a filter cutoff frequency of 318kHz. On the high side of the resistor tolerance, the filter frequency
changes to 277kHz. The device allows for flexibility to modify the CFB capacitor value to adjust bandwidth, with a
trade-off on the broadband noise of the circuit.
The third filter placed at the ADS8860 inputs works as a charge reservoir filter to drive the SAR ADC. The
charge kickback filter reduces the instantaneous charge demand of the amplifier, maintaining low distortion that
otherwise potentially degrades because of incomplete ADC sample-and-hold settling. The RC filter combination
(RFIL, CDIFF) is tuned for ADC sample-and-hold settling and total harmonic distortion (THD) performance, while
maintaining stability of the PGA. High-grade C0G capacitors are used everywhere in the signal path for the low
distortion properties.
The PGA848 front end, accounting for all three filters, provides a nominal f–3dB bandwidth of 318kHz. On the
high side of the internal 6.67kΩ feedback resistor tolerance, the PGA848 f–3dB bandwidth changes to 277kHz.
However, the circuit maintains –0.1dB flatness to 41kHz.
The ADS8860 requires a full-scale input in the range of 0V to the 5V ADC reference. The PGA848 REF pin is set
to a nominal voltage of 2.5V to shift the signal to the ADC midscale voltage.
Generate the PGA848 REF voltage by feeding the REF6250 5V reference through a 10kΩ-to-10kΩ precision
voltage divider implemented with ±0.05% tolerance, low-drift ±5ppm/°C resistors. Drive the PGA848 REF pin
with a low-impedance source. Use an op amp such as the OPA192 as a buffer to drive the REF pin.
The OPA192 buffer is configured in a dual-feedback configuration to provide stability while driving the REF pin
and 22nF bypass capacitor. RISO is a 20Ω isolation resistor that provides separation of two feedback paths for
optimized stability. The first feedback path through the feedback resistor, RF = 2kΩ, connected directly to the
www.ti.com
PGA848
SBOSAN4 – AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: PGA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com