Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA821
Description  PGA848 Low-Noise, Wide-Bandwidth, Scope Gain, Single-Ended Output, Programmable Gain Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA821 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA821 Datasheet HTML 3Page - Texas Instruments INA821 Datasheet HTML 4Page - Texas Instruments INA821 Datasheet HTML 5Page - Texas Instruments INA821 Datasheet HTML 6Page - Texas Instruments INA821 Datasheet HTML 7Page - Texas Instruments INA821 Datasheet HTML 8Page - Texas Instruments INA821 Datasheet HTML 9Page - Texas Instruments INA821 Datasheet HTML 10Page - Texas Instruments INA821 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
6.6 Typical Characteristics
at TA = 25°C, VS = VSOUT = ±15V, VICM = VREF = 0V, RL = 10kΩ connected to ground, and G =1V/V (unless otherwise noted)
Input Referred Offset Voltage ( V)
0
4
8
12
16
20
-1400
-900 -600 -300
0
300
600
900
1400
N = 700
Mean = 1.45µV
Std. dev. = 253.2µV
G = 0.5V/V
Figure 6-1. Distribution of Offset Voltage (RTI)
Input Referred Offset Voltage ( V)
0
4
8
12
16
20
-350
-250
-150
-50
0
50
150
250
350
N = 700
Mean = –3.23µV
Std. dev. = 67.1µV
G = 2V/V
Figure 6-2. Distribution of Offset Voltage (RTI)
Input Referred Offset Voltage ( V)
0
5
10
15
20
25
-300
-200
-100
0
100
200
300
N = 700
Mean = 17.29µV
Std. dev. = 38.32µV
G = 100V/V
Figure 6-3. Distribution of Offset Voltage (RTI)
Input Referred Offset Voltage Drift ( V/ C)
0
5
10
15
20
25
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
N = 30
Mean = –0.253μV/°C
Std. dev. = 0.606μV/°C
G = 0.5V/V
Figure 6-4. Distribution of Offset Voltage Drift (RTI)
Input Referred Offset Voltage Drift ( V/ C)
0
4
8
12
16
20
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
N = 30
Mean = –0.091μV/°C
Std. dev. = 0.030μV/°C
G = 2V/V
Figure 6-5. Distribution of Offset Voltage Drift (RTI)
Input Referred Offset Voltage Drift ( V/ C)
0
6
12
18
24
30
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
N = 30
Mean = –0.03μV/°C
Std. dev. = 0.105μV/°C
G = 100V/V
Figure 6-6. Distribution of Offset Voltage Drift (RTI)
www.ti.com
PGA848
SBOSAN4 – AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: PGA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com