Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA821
Description  PGA848 Low-Noise, Wide-Bandwidth, Scope Gain, Single-Ended Output, Programmable Gain Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA821 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA821 Datasheet HTML 12Page - Texas Instruments INA821 Datasheet HTML 13Page - Texas Instruments INA821 Datasheet HTML 14Page - Texas Instruments INA821 Datasheet HTML 15Page - Texas Instruments INA821 Datasheet HTML 16Page - Texas Instruments INA821 Datasheet HTML 17Page - Texas Instruments INA821 Datasheet HTML 18Page - Texas Instruments INA821 Datasheet HTML 19Page - Texas Instruments INA821 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
REF pin. The second feedback path is through the feedback capacitor, CF = 2nF, connected to the output of
the op amp. The circuit provides a loop gain phase margin of 86°. The noninverting input of the OPA192 buffer
has a low-pass filter with R = 1kΩ, C = 10nF to reduce the resistive divider thermal noise. Using any other load
capacitance requires recalculation of the stability components: RF, CF, and RISO. If modifying the REF bypass
capacitance, verify the circuit is stable with simulation using the OPA192 TINA-TI model (or PSpice®-for-TI
model). Confirm the circuit provides more than 60° of phase margin.
8.3 Power Supply Recommendations
The nominal performance of the PGA848 is specified with input-stage supply and output-stage supply voltages
of ±15V, and VICM and VREF at mid-supply. Within the specified limits, custom input common-mode and output
common-mode voltages are usable without compromising performance; see also Section 6.3. To prevent
damage to internal circuitry, the output-stage power supplies are clamped to stay within the input-stage supply
voltage levels; see also Section 7.2.
CAUTION
Supply voltages higher than 40V (±20V) permanently damage the device.
8.4 Layout
8.4.1 Layout Guidelines
Attention to good layout practices is always recommended. For best operational performance of the device, use
good PCB layout practices, including:
• To avoid converting common-mode signals into differential signals and thermal electromotive forces (EMFs),
verify both input paths are symmetrical and well-matched for source impedance and capacitance.
• Noise potentially propagates into analog circuitry through the power pins of the device and of the circuit as a
whole. Bypass capacitors reduce the coupled noise by providing low-impedance power sources local to the
analog circuitry.
– Connect low-ESR, 0.1µF ceramic bypass capacitors between each supply pin and ground, placed as
close as possible to the device. A single bypass capacitor from V+ to ground is applicable for single-
supply applications.
• To reduce parasitic coupling, run the input traces as far away as possible from the supply or output traces.
If these traces cannot be kept separate, crossing the sensitive trace perpendicular is much better than in
parallel with the noisy trace.
• Leakage on the DA_IN+ and DA_IN– pins potentially causes dc offset errors in the output voltages.
Additionally, excessive parasitic capacitance at these pins potentially results in decreased phase margin
and affects the stability of the output stage. If these pins are not used to implement deliberate capacitive
feedback, follow best practices to minimize leakage and parasitic capacitance.
• Follow best practices to minimize leakage and parasitic capacitance, which includes implementing keep-out
areas in any ground planes located immediately below the input pins.
• Minimize the number of thermal junctions. If possible, route the signal path using a single layer without vias.
• Keep sufficient distance from major thermal energy sources (circuits with high power dissipation). If not
possible, place the device so that the thermal energy source effects on both sides of the differential signal
path are evenly matched.
• Keep the traces as short as possible.
PGA848
SBOSAN4 – AUGUST 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: PGA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com