Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 18 Page - Texas Instruments

Part # INA821
Description  PGA848 Low-Noise, Wide-Bandwidth, Scope Gain, Single-Ended Output, Programmable Gain Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA821 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA821 Datasheet HTML 14Page - Texas Instruments INA821 Datasheet HTML 15Page - Texas Instruments INA821 Datasheet HTML 16Page - Texas Instruments INA821 Datasheet HTML 17Page - Texas Instruments INA821 Datasheet HTML 18Page - Texas Instruments INA821 Datasheet HTML 19Page - Texas Instruments INA821 Datasheet HTML 20Page - Texas Instruments INA821 Datasheet HTML 21Page - Texas Instruments INA821 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
9 Device and Documentation Support
9.1 Device Support
9.1.1 Development Support
9.1.1.1 PSpice® for TI
PSpice® for TI is a design and simulation environment that helps evaluate performance of analog circuits. Create
subsystem and prototype designs before committing to layout and fabrication, thus reducing development cost
and time to market.
9.1.1.2 TINA-TI™ Simulation Software (Free Download)
TINA-TI™ simulation software is a simple, powerful, and easy-to-use circuit simulation program based on a
SPICE engine. TINA-TI simulation software is a free, fully-functional version of the TINA™ software, preloaded
with a library of macromodels, including a range of passive and active models. TINA-TI simulation software
provides all the conventional dc, transient, and frequency domain analysis of SPICE, as well as additional design
capabilities.
Available as a free download from the Design and simulation tools web page, TINA-TI simulation software
offers extensive post-processing capability. This capability allows users to format results in a variety of ways.
Virtual instruments offer the ability to select input waveforms and probe circuit nodes, voltages, and waveforms,
creating a dynamic quick-start tool.
Note
These files require that either the TINA software or TINA-TI software be installed. Download the free
TINA-TI simulation software from the TINA-TI™ software folder.
9.2 Documentation Support
9.2.1 Related Documentation
For related documentation see the following:
• Texas Instruments, Comprehensive Error Calculation for Instrumentation Amplifiers application note
• Texas Instruments, Importance of Input Bias Current Return Paths in Instrumentation Amplifier Applications
application note
• Texas Instruments, ADS8860 16-Bit, 1MSPS, Serial Interface, Micropower, Miniature, Single-Ended Input,
SAR Analog-to-Digital Converter data sheet
• Texas Instruments, REF62xx High-Precision Voltage Reference With Integrated ADC Drive Buffer data sheet
• Texas Instruments, OPAx192 36V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias
Current Op Amp With e-Trim™ data sheet
9.3 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
9.4 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
9.5 Trademarks
TINA-TI™ and TI E2E™ are trademarks of Texas Instruments.
TINA™ is a trademark of DesignSoft, Inc.
PSpice® is a registered trademark of Cadence Design Systems, Inc.
All trademarks are the property of their respective owners.
PGA848
SBOSAN4 – AUGUST 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: PGA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com