Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA821
Description  PGA848 Low-Noise, Wide-Bandwidth, Scope Gain, Single-Ended Output, Programmable Gain Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA821 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA821 Datasheet HTML 8Page - Texas Instruments INA821 Datasheet HTML 9Page - Texas Instruments INA821 Datasheet HTML 10Page - Texas Instruments INA821 Datasheet HTML 11Page - Texas Instruments INA821 Datasheet HTML 12Page - Texas Instruments INA821 Datasheet HTML 13Page - Texas Instruments INA821 Datasheet HTML 14Page - Texas Instruments INA821 Datasheet HTML 15Page - Texas Instruments INA821 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
7.3.3 Using the Output Difference Amplifier to Shape Noise
The functional block diagram in Section 7.2 shows that the PGA848 output-stage difference amplifier uses a
6.67kΩ feedback resistor between the output and the inverting input. External direct access to the inverting and
noninverting inputs of the difference amplifier is provided through the DA_IN– and DA_IN+ pins, respectively.
This option allows circuit designers to add external capacitors in parallel with the internal resistors to implement
noise-filtering or noise-shaping techniques. These pins are also used to implement customized attenuating gains
for the output stage. Consider the following important factors when designing parallel circuits with the internal
resistors:
• The accuracy of the internal resistor network is 0.01% or better. This accuracy results in a common-mode
rejection (CMRR) of 80dB or better. Mismatched leakage currents on these pins potentially cause CMRR
degradation.
• The internal resistors have ±15% absolute resistance variation. Consider this variation when implementing
custom attenuating gains or noise filters.
CAUTION
Do not treat these pins as outputs, nor use the pins to source or sink current. Excessive currents
through the feedback resistors potentially cause permanent damage to internal circuitry.
7.4 Device Functional Modes
The PGA848 has a single functional mode. The device operates when the input-stage power supply is greater
than ±4.5V (9V) and the output stage power supply is greater than ±2.25V (4.5V). Additionally, see Section 6.3.
PGA848
SBOSAN4 – AUGUST 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: PGA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com