Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW2D-R100Q4E. Datasheet(PDF) 9 Page - IDEC Corporation

Part # KW2D-R100Q4E.
Description  ø22 SMART RFID READER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

KW2D-R100Q4E. Datasheet(HTML) 9 Page - IDEC Corporation

Back Button KW2D-R100Q4E. Datasheet HTML 5Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 6Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 7Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 8Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 9Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 10Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 11Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 12Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 13Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
KW2DSeriesø22 Smart RFID Reader
Main Unit
Package Quantity: 1
Model
Appearance
Power Supply
Approval
Part No. (Ordering No.)
Without holder
24V DC
IEC/EN61131-2 2007 (Zone B)
EN301-489-3
UL61010-1/CAN/CSA C22.2
No. 61010-1-12
UL 61010-2-201
EN50364
KW2D-R100Q4E
With holder
KW2D-RH100Q4E
RFID Tags
When ordering, specify the Ordering No.
Tag Type
Shape
Color
Part No. (Ordering No.)
Package Quantity
KEYFOB
Green
KW9Z-T1X1G
1
Yellow
KW9Z-T1X2Y
1
Red
KW9Z-T1X3R
1
Blue
KW9Z-T1X4S
1
Black
KW9Z-T1X5B
1
Card
N/A
KW9Z-T2X0
2
Maintenance Parts
When ordering, specify the Ordering No.
Name/Appearance
Specification/Dimension
Part No.
Ordering No.
Package Quantity
Remarks
Cover (withot holder)
For KW2D-R
KW9Z-CV
KW9Z-CV
1
Cover (with holder)
For KW2D-RH
KW9Z-CVH
KW9Z-CVH
1
Gasket
Rubber (black)
Nitrile rubber
HW9Z-WM
HW9Z-WMPN10
10
ø21.
6±0.15
ø28.0
±0.1
5
t 0.5
Locking Ring
Polyamide resin (black)
CW9Z-LN
CW9Z-LNPN05
10
Locking Ring
Wrench
Metal
(brass/nickel-plated)
Weigh: Approx. 150g
MW9Z-T1
MW9Z-T1
1
· Used to tighten the locking ring when mounting onto a
panel.
ø28
110
Compact RFID reader with integrated functions for the factory automation industry
• For more information about certified products, see the IDEC website.
Note: Approvals apply only to the main unit.
Without holder
With holder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com