Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW2D-R100Q4E. Datasheet(PDF) 14 Page - IDEC Corporation

Part # KW2D-R100Q4E.
Description  ø22 SMART RFID READER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

KW2D-R100Q4E. Datasheet(HTML) 14 Page - IDEC Corporation

Back Button KW2D-R100Q4E. Datasheet HTML 8Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 9Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 10Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 11Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 12Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 13Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 14Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 15Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 16Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
KW2D Series ø22 Smart RFID Reader
14
Instructions
Applicable Wire
Power Supply Wiring
• The KW2D Series RFID Reader has a push-in style terminal block.
• An inrush current of 25A or lower (when input is 24V DC) flows when
the power is turned on. Use a power supply with sufficient capacity.
• To prevent induction, keep the power line as short as possible, and as
far away as possible from motor lines.
• The following table shows the signals that correspond to the signal
codes. Be careful not to mistake the connections.
Label/Symbol
Signal Wire
24V
Power supply (+24V)
0V
Power supply (0V)
Functional ground (FE)
When wiring, use the applicable wires shown below.
Applicable Wire and Specifications
Applicable Wire
0.25 to 1.5mm2 (AWG16 to 24)
Wire Strip Length (*1)
8 ± 1mm (*2)
Ferrule Size
(*1)
H0.5 to H1.5 (without insulated cover)
H0.25 to H0.75 (with insulated cover)
*1 For details on ferrules, see the “Wire Size and Recommended Ferrules” table below.
*2 Strip the sheath of the wire 8±1mm from the end.
Note: Make sure that the stranded wires do not loosen
when using wiring without ferrules.
- +
24V DC external
power supply
24V DC power input
+24V
0V
FE
Bottom of pack unit
8±1mm
Wire Size and Recommended Ferrules
Ferrules without insulated covers
Applicable Wire
(Stranded Wire)
Wire Strip
Length
Weidmüller
Recommended
Part No.
AWG
mm2
20
0.50
10 to 11mm
H0.5/10
18
0.75
10 to 11mm
H0.75/10
17
1.00
10 to 11mm
H1.0/10
16
1.50
10 to 11mm
H1.5/10
Ferrules with insulated covers
Applicable Wire
(Stranded Wire)
Wire Strip
Length
Weidmüller
Recommended
Part No.
AWG
mm2
24
0.25
10 to 11mm
H0.25/12 HBL
22
0.34
10 to 11mm
H0.34/12 TK
20
0.50
10 to 11mm
H0.5/14 OR
20
0.50
10 to 11mm
H0.5/14S OR
20
0.50
10 to 11mm
H0.5/14S W
18
0.75
10 to 11mm
H0.75/14 W
*1 UL wire compatible with insulated cover
Recommended Tools (Optional)
The following recommended tools can be used. The recommended
tools are manufactured by Weidmüller.
Name
Weidmüller Recommended Part No.
Flat blade
screwdriver
Normal type
SDS 0.4 × 2.5 × 75
With insulated cover SDS 0.4 × 2.5 × 75
Crimping tool
PZ6/5
0.4mm
2mm
Crimping of Ferrules and Wiring
• Choose an appropriate ferrule for the wire.
• Cut the wire carefully to get a flat end.
• Make sure that ferrule sleeve is completely filled by the conductor.
Depending on the cross section, the conductor should protrude
approx. 0 to 1mm from the ferrule sleeve.
0~1mm
• When crimping, refer to the instructions of the crimping tool.
Max. 1.48mm
Max. 2.1mm
Faults which can occur during crimping:
• Cracks along the sides and die impressions
• Splitting of the ferrules
• Asymmetrical crimping shape
• Extreme burrs formed along the sides
• Ferrule not filled by conductor
• Single conductors pushed back by protruding from the insulated cover
• Single conductors squeezed off
• Insulation cover damaged by the crimping jaw
• Conductor insulation not pushed into the insulated cover
• Ferrule bent longitudinally after crimping
Single conductor squeezed off
Single conductor protruding
Asymmetrical crimping shape, burr
formation on one side
Asymmetrical crimping shape, burr
formation on one side
Formation of cracks at the
impressions of the crimping jaw
Formation of cracks at the sides,
sides split open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com