Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW2D-R100Q4E. Datasheet(PDF) 2 Page - IDEC Corporation

Part # KW2D-R100Q4E.
Description  ø22 SMART RFID READER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

KW2D-R100Q4E. Datasheet(HTML) 2 Page - IDEC Corporation

  KW2D-R100Q4E. Datasheet HTML 1Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 2Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 3Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 4Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 5Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 6Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 7Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 8Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ø22 KW2DSeries
Compact and smart design ideal for factory automation environments
IP65/67-rated to
protect from
washdowns and
oil spills.
Mounts on ø22mm
panel cut-out
Designed to
work on metal
surfaces often
used at factory
automation sites.
* Actual size
Front unit:
43.6 × 43.6mm
Panel front height: 9.0mm
Back unit:
40.0 × 40.0mm
Depth: 48.5mm
Equipped with an LED easily
visible from the side and an
auxiliary buzzer, the RFID reader
enables visible and audible
feedback on operation status.
Verification - Success
Verification - Error
Standby
Front
Side
* Can be controlled from a host device (such as a
touch panel or PLC).
Can be used for IC
cards, such as
employee IDs (*1).
*1 Mifare, FeliCa, etc.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com