Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW2D-R100Q4E. Datasheet(PDF) 16 Page - IDEC Corporation

Part # KW2D-R100Q4E.
Description  ø22 SMART RFID READER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

KW2D-R100Q4E. Datasheet(HTML) 16 Page - IDEC Corporation

Back Button KW2D-R100Q4E. Datasheet HTML 8Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 9Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 10Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 11Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 12Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 13Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 14Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 15Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 16Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
KW2D Series ø22 Smart RFID Reader
For details on installation, wiring, and maintenance, see the Instruction Sheet and
User’s Manual from the URL below.
URL: https://product.idec.com/?product=KW2D
IDEC recommends the use of the RFID reader with the following products.
Flush Silhouette Switches
PLCs/Controllers/Operator Interfaces
USB/RJ45 Relay Ports
Ethernet Switches
Smart Relays
PLCs/Controllers
CW
ø22
SX5E
FL1F
FC6A Plus/All-in-One
Projects only 2mm from
the panel. Ideal for panels that
require cleanliness and safety.
Rugged design.
Suitable for a range of applications.
Unmanaged Ethernet switches
equipped with various features.
Equipped with convenience and
high functionality. Multiple power
supply variations.
FC6A Plus is ideal for controlling not
only large-size machines, but also
entire small-size production lines.
FC6A All-in-One has high
performance and easy programming
features.
PLCs/Controllers/Operator Interfaces
Safety Products
PLC / Controllers
Operator Interfaces
Interlock Switches
Safety Switch
FT1A Touch
3.8
inch
HG Series
HS5L
HS1T
Built-in LCD enables control and
display with high visibility.
Excellent visibility by super-bright
LED backlight. Withstands harsh
environments.
Interlock switch with solenoid.
2-contact: ideal for use on applications
such as food machines and injection
molding machines. 4-contact: ideal for
use on limited mounting spaces such
as small doors.
Interlock switch with solenoid. Ideal
for use on large doors and large
equipment requiring strong locking
force (5000N). Equipped with head
rotating structure.
www.idec.com
USA
IDEC Corporation
Tel: +1-408-747-0550 opencontact@idec.com
Germany APEM GmbH
Tel: +49-40-25 30 54-0 service@eu.idec.com
Singapore IDEC Izumi Asia Pte. Ltd.
Tel: +65-6746-1155
info@sg.idec.com
Thailand IDEC Asia (Thailand) Co., Ltd
Tel: +66-2-392-9765
sales@th.idec.com
Australia IDEC Australia Pty. Ltd.
Tel: +61-3-8523-5900 sales@au.idec.com
India
IDEC Controls India Private Limited Tel: +91-80679-35328 info_india@idec.com
Taiwan
IDEC Taiwan Corporation
Tel: +886-2-2577-6938 service@tw.idec.com
Hong Kong
IDEC Izumi (H.K.) Co., Ltd.
Tel: +852-2803-8989
info@hk.idec.com
China
IDEC (Shanghai) Corporation Tel: +86-21-6135-1515
idec@cn.idec.com
Beijing Branch
Tel: +86-10-6581-6131 idec@cn.idec.com
Guangzhou Branch Tel: +86-20-8362-2394 idec@cn.idec.com
Japan
IDEC Corporation
Tel: +81-6-6398-2527
marketing@idec.co.jp
Head Office
6-64, Nishi-Miyahara-2-Chome, Yodogawa-ku, Osaka 532-0004, Japan
Specifications and other descriptions in this brochure are subject to change without notice.
Information in this brochure is current as of September, 2020.
2020 IDEC Corporation, All Rights Reserved.
EP1741-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com