Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW2D-R100Q4E. Datasheet(PDF) 10 Page - IDEC Corporation

Part # KW2D-R100Q4E.
Description  ø22 SMART RFID READER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

KW2D-R100Q4E. Datasheet(HTML) 10 Page - IDEC Corporation

Back Button KW2D-R100Q4E. Datasheet HTML 6Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 7Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 8Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 9Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 10Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 11Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 12Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 13Page - IDEC Corporation KW2D-R100Q4E. Datasheet HTML 14Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
KW2D Series ø22 Smart RFID Reader
10
General Specifications
Rated Input Voltage
24V DC
Power Fluctuation Range
20.4 to 28.8V DC (incl. ripples)
Power Consumption
2.4W maximum (24V DC)
Rated Insulation Voltage
50V DC
Allowable Momentary Power
Interruption
1ms (at rated power supply voltage)
Withstand Voltage
500V AC, 1 minute
Insulation Resistance
100MΩ or higher (500V DC insulation
resistance tester)
Inrush Current
25A maximum
Operating Temperature
-25 to +55°C (no freezing)
Storage Temperature
-40 to +80°C (no freezing)
Operating Humidity
10 to 95% RH (no condensation)
Storage Humidity
10 to 95% RH (no condensation)
Degree of
Protection
(*1)
Front Unit (*2)
IP65/67 (IEC60529)
Back Unit
IP20 (IEC60529)
Impact
Test (*1)
Front Unit (*2)
5J (Equal to IK08)
Corrosion Resistance
No corrosive gas
Operating Environment
Indoors
Vibration Resistance
5 to 55Hz, amplitude 0.5mm, on 3
mutually perpendicular axes
Shock Resistance
100m/s2, 11ms, six directions on 3
mutually perpendicular axes
Power
Supply
Terminal
Wire Pull Force
AWG24: 10N maximum
AWG22: 15N maximum
AWG20: 20N maximum
AWG18: 30N maximum
AWG16: 40N maximum
Insertion/Removal
Durability
25 times minimum
Recommended
Operation Force of
Pusher
20N (40N maximum)
Tag
Holder
Insertion/Removal
Durability
10,000 times minimum
Indicators
LED colors (red: 2, green: 2 white: 4)
Buzzer
Single tone
PCB
FR, 94V-0
Case
Materials
Front Cover
Back Cover
PBT
Front Base
Back Base
PA66
Lens
PCT
Weight (Approx.)
70g
*1 IP performance and IK ratings are not subject to UL certification.
*2 Front of the panel only.
Ethernet Communication Specifications
Communication
Ethernet
Electrical Characteristics
IEEE802.3 compliant
Connector
Connector
RJ45
Pull Force
15N
Insertion/
Removal
Durability
100 times minimum
Transmission Speed
10BASE-T, 100BASE-TX
Communication Functions Modbus TCP Server
Cable
CAT.5 STP, with a maximum length of 100m
RFID Interface Specifications
Communication Standards
ISO/IEC14443 Type A (Type A),
ISO/IEC18092 (Type F), JIS X6319-4 (Type F),
ISO/IEC 15693 (Type V)
Communication
Speed
Type F
(Felica)
212kbps
Type A
(Mifare)
106kbps
Type V
(I-CODE)
26.5kbps
Carrier Frequency
13.56MHz (HF band)
Wireless
Standards
Countries
Japan, United States, Canada, EU, China, Taiwan
(Planned support: India, Thailand)
Supported
Tags (*1)
Card
Type
ISO/IEC14443 Type A, ISO/IEC18092,
JIS X6319-4, ISO/IEC15693
KEYFOB
Type
ISO/IEC14443 Type A
Tag Reading
Distance (*2)
Card
Type
0 to 15mm
KEYFOB
Type
0 to 5mm
Tag Reading Position (*3)
Center of tag stationary in center of front unit
Tag Reading Time
300 to 3000 [msec] (adjustable with [Reading
Time] in the KW RFID Configurator)
*1 Multiple tags cannot be read.
*2 The tag reading distance is a value that was measured using the tags listed in “Names
of LSIs in Tested Tags” (on page 2-3 of the User’s Manual) that IDEC has tested. The tag
reading distance will vary depending on the tag that is actually used and the operating
environment.
*3 The tag reading position is the value using a standard IDEC tag placed near the center of
the reader. The tag reading distance changes with the tag and operating environment.
Mounting Hole Layout
Drill a mounting hole in the panel with the dimensions shown in the
following diagram.
* See the manual for examples of mounting pitch.
* See the manual for minimum mounting pitch.
RFID Tag Specifications
Applicable
Standard
Card
ISO/IEC14443 Type A
KEYFOB
Operating
Temperature
Card
0°C to 50°C
KEYFOB
-25°C to 55°C
Storage
Temperature
Card
-20°C to 50°C
KEYFOB
-25°C to 75°C
Operating
Humidity
Card
20% RH to 90% RH or less
KEYFOB
60% RH or less
Storage
Humidity
Card
90% RH or less
KEYFOB
60% RH or less
Reading
Distance
Card
0 to 10mm
KEYFOB
0 to 5mm
Operating Environment
Indoors
+0.4
 0
ø22.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com