Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

103CPCR308 Datasheet(PDF) 1 Page - Elma Electronic Ltd

Part # 103CPCR308
Description  EasyPlug™ CompactPCI Backplane
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

103CPCR308 Datasheet(HTML) 1 Page - Elma Electronic Ltd

  103CPCR308 Datasheet HTML 1Page - Elma Electronic Ltd 103CPCR308 Datasheet HTML 2Page - Elma Electronic Ltd 103CPCR308 Datasheet HTML 3Page - Elma Electronic Ltd 103CPCR308 Datasheet HTML 4Page - Elma Electronic Ltd 103CPCR308 Datasheet HTML 5Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ELMA BUSTRONIC | PHONE: 510.490.7388 | EMAIL: sales@elmabustronic.com | WEB: www.elmabustronic.com
Rev. 3 | 05.07.10
EasyPlug™ CompactPCI Backplane
actPCI Backplane
Description
The Elma Bustronic CompactPCI backplane series is designed to be fully
compliant with PICMG standards. The EasyPlug line features Positronic 47-pin
power connectors on the backplane. The monolithic backplanes have pluggable
modules that eliminate cabling in the chassis, reducing system costs and allowing
more swappability. The 3U and 6U cPCI versions are standardly with the power
connectors in a vertically oriented position. The 9U cPCI are standardly with the
power connectors in a horizontally oriented position.
The new EasyPlug CompactPCI backplane line allows pluggability for power
supplies, fan trays, utility headers, and shelf managers. This reduces mean-time-
to-repair (MTTR) and time-consuming cabling costs. We have provided all the
standard features required for full compatibility, including all pin connections for
bussed signal lines and all defined power and ground pins connected to their
respective planes. User defined VI/O is standard. All standard CPCI backplanes
conform to the PICMG basic specification 2.0 R2.1 and Hot Swap specification 2.1
R2.0 All Bustronic backplanes are designed to maximize performance, minimize
noise, and give the customer the most reliable, cost-effective products possible.
To achieve superior performance, we construct the board in eight layers (12
layers for H.110) three signal layers, five power ground planes. We incorporate
a full stripline design, generously distributed decoupling capacitors, and 2 oz.
power and ground planes. Our standard design with two 2oz. copper ground
planes fully shield the backplane, minimize EMI/RFI emissions susceptibility,
minimize crosstalk, and maximize power distribution.
Features
• Conforms to PICMG basic specification 2.0 R3.0
• Conforms to PICMG Hot Swap specification 2.1 R2.0
• Versions conforming to PICMG H.110 Computer
Telephony specification 2.5 R1.0
• Right or left justified system slot
• 47-pin Positronic power supply connectors – vertically mounted in 3U, 6U
versions and horizontally mounted in 9U versions
• Virtually zero crosstalk
• Logical slot #1 (system controller) is right justified
Close-up of Power Studs
Mechanical Specifications
• 3U - 8 slots
• 6U - 8, 14, 16 slots
• 9U - 2, 4, 6, 8 slots
• 64-bit (32-bit capable)
Board Specifications
• 8-layer board
(12-layer for H.110)
• 2 oz. copper power and ground
• PCB UL recognized 94V-0
• PCB FR-4 or equivalent
• PCB .125” thick
(.132” thick for H.110)


Similar Part No. - 103CPCR308

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
103CT-4 ETC1-103CT-4 Datasheet
784Kb / 44P
THERMOPILE TYPE INFRARED SENSOR
More results

Similar Description - 103CPCR308

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMCPCI102B CALMIRCO-CMCPCI102B Datasheet
222Kb / 8P
CompactPCI Backplane Interface
CMCPCI101 CALMIRCO-CMCPCI101 Datasheet
216Kb / 7P
CompactPCI Backplane Interface / Termination IC
CMCPCI102A CALMIRCO-CMCPCI102A Datasheet
272Kb / 8P
CompactPCI Backplane Interface
logo
Advantech Co., Ltd.
MIC-3001 ADVANTECH-MIC-3001 Datasheet
188Kb / 2P
4U CompactPCI Enclosure with 8 slot 3U Backplane
MIC-3002A ADVANTECH-MIC-3002A Datasheet
58Kb / 1P
4U CompactPCI Enclosure with 6-slot 3U Backplane
logo
CONEC Elektronische Bau...
CPH38W23MARASK9X CONEC-CPH38W23MARASK9X Datasheet
70Kb / 1P
CompactPCI
logo
List of Unclassifed Man...
CPCIS-2633 ETC2-CPCIS-2633 Datasheet
564Kb / 1P
3U CompactPCI Subsystem with 8-slot Backplane and 1 1 CompactPCI ETT Redundant Power Modules
CPCIS-2642 ETC2-CPCIS-2642 Datasheet
346Kb / 1P
3U CompactPCI Subsystem with 13-slot Backplane, 2 1 CompactPCI Redundant Power Modules
CPCIS-ET2600 ETC2-CPCIS-ET2600 Datasheet
542Kb / 1P
3U CompactPCI Subsystem with 8-slot Backplane and 1 1 CompactPCI ETT Redundant Power Modules
logo
Adlink Technology Inc.
CPCIS-ET2632 ADLINK-CPCIS-ET2632 Datasheet
278Kb / 2P
3U CompactPCI Subsystem with 8-slot Backplane
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com