Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

103CPCR308 Datasheet(PDF) 3 Page - Elma Electronic Ltd

Part # 103CPCR308
Description  EasyPlug™ CompactPCI Backplane
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

103CPCR308 Datasheet(HTML) 3 Page - Elma Electronic Ltd

  103CPCR308 Datasheet HTML 1Page - Elma Electronic Ltd 103CPCR308 Datasheet HTML 2Page - Elma Electronic Ltd 103CPCR308 Datasheet HTML 3Page - Elma Electronic Ltd 103CPCR308 Datasheet HTML 4Page - Elma Electronic Ltd 103CPCR308 Datasheet HTML 5Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EasyPlug™ CompactPCI Backplane
Common Configuration Examples
-21XX
-21XXR
-3157
-3157R
-1157
-1157R
-7157
-7157R
(Example: 103CPCI902-3157)
Product
CPCI = CPCI Backplane, 64 Bit
CTEL = H.110 compatible, 64 Bit
CPCR, CTER = 64 Bit, system slot right
CPCL = 64 Bit, system slot left
CP3R, CT3R = 32 Bit, system slot right
CP3L, CT3L = 32 Bit, system slot left
Form
3 = 3U height
6 = 6U height
7 = 7U height
9 = 9U height
Slots
1-21
Configuration
Power Interface
0 = Power taps with 6-32 screws
1 = 3 Positronic connectors for 6U power supplies
2* = 6-32 nuts and fastons for +12V, -12V
3 = 1 Positronic connector for 3U power supply
4 = 2 Positronic connectors for 3U power supplies
5 = 3 Positronic connectors for 6U power supplies
6 = 1 Positronic connector for 6U power supply
7# = 2 Positronic connectors for 6U power supplies
8 = 4 Positronic connectors for 3U power supplies
9 = Custom (9XXX sequential numbers)
X = Not applicable
Connectors for P1 & P2
0 = P1 short, P2 long
1 = P1 short, P2 short
2 = P1 short, No P2
X = Not applicable
Connectors for P3, P4 & P5
0 = Not applicable
1 = Not applicable
2 = Not applicable
3 = P3 long type AB, P4 tye A long all slots, P5 long type AB for CTEL
4 = P3 long type AB, P4 short (slot 1 long), P5 long type AB for CTEL
5 = P3 & P5 long type AB, P4 long type A
X = Not applicable
Shrouds
0 = P2 only
1 = Not applicable
2 = Not applicable
3 = Not applicable
4 = Not applicable
5 = P2 if long tail, P4 type A all slots, P3 & P5 type AB for CTEL
6 = P2 if long tail, P4 slot 1 type A, P3 & P5 type AB for CTEL
7 = P2 if long tail, P4 type A , P3 & P5 type AB
X = Not applicable
RoHS
R = RoHS compliant
103
-_ _ _ _ _Configuration
Product
Form
Slots
* This is the only power interface for 3U backplanes
# Standard configuration for 16 slot backplanes



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com