Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

103CPCR308 Datasheet(PDF) 4 Page - Elma Electronic Ltd

Part # 103CPCR308
Description  EasyPlug™ CompactPCI Backplane
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

103CPCR308 Datasheet(HTML) 4 Page - Elma Electronic Ltd

  103CPCR308 Datasheet HTML 1Page - Elma Electronic Ltd 103CPCR308 Datasheet HTML 2Page - Elma Electronic Ltd 103CPCR308 Datasheet HTML 3Page - Elma Electronic Ltd 103CPCR308 Datasheet HTML 4Page - Elma Electronic Ltd 103CPCR308 Datasheet HTML 5Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EasyPlug™ CompactPCI Backplane
Two 2 oz. copper voltage planes allow us to maximize power distribution while they act as virtual ground planes for the signals in order to minimize noise and crosstalk.
There is also a full VI/O plane. We use stripline construction to assure the highest possible performance. By exclusively utilizing stripline construction, we eliminate a
significant source of EMI/RFI radiation and give all the signals similar characteristic impedances, virtually identical propagation delays, and minimal signal skew. All
these items allow for significantly higher data transfer rates, as signal skew factors into the data transfer rate calculations four times.
User Manual for Bridgeable Backplanes
Background
CompactPCI bridging was developed to circumvent the 9-load limitation on 8-slot boards. The CPU board generates two loads and the I/O boards generate one load
each. The bridgeboards put an extra load on a slot; therefore, the segments are limited to seven loads. Bridgeboards provide up to 256 CompactPCI segments in a
system. The segment containing the CPU board is called the primary or upstream segment. The segment on the other side of the bridgeboard is called the secondary
or downstream segment.
Installation
14-slot cPCI: The bridgeboard is installed on the rear side of the backplane, covering slots 5 through 8. Place the unit on slot 5 rP1 and rP2 and slot 8 rP1 and rP2.
16-slot cPCI: The bridgeboard is installed on the rear side of the backplane, covering slots 4 through 9. Place the unit on slot 4 rP1 and rP2 and slot 9 rP1 and rP2.
Notes
JP1 - - JP1 is the jumper for +5V operation and JP2 for +3.3V operation.
Bridge
32-bit, 64-bit
33 Mhz
PCB height 95.10 mm
PCB width 78.96 mm
PCB thickness 2.70 mm
The bridge is 4 slots wide and covers P1 and P2 on the rear of the backplane. On the 14-slot backplane, it plugs into rear slot 5 and slot 8.
With Bridge
Without Bridge
H9
IDSEL2-1
SYSEN2-2
REQ_P, GNT_P, CLK_P
this jumper is mounted this jumper is mounted
this jumper is left blank this jumper is left blank
this jumper is mounted
this jumper is left blank
this jumper is mounted
this jumper is left blank



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com