Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

103CPCR308 Datasheet(PDF) 2 Page - Elma Electronic Ltd

Part # 103CPCR308
Description  EasyPlug™ CompactPCI Backplane
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

103CPCR308 Datasheet(HTML) 2 Page - Elma Electronic Ltd

  103CPCR308 Datasheet HTML 1Page - Elma Electronic Ltd 103CPCR308 Datasheet HTML 2Page - Elma Electronic Ltd 103CPCR308 Datasheet HTML 3Page - Elma Electronic Ltd 103CPCR308 Datasheet HTML 4Page - Elma Electronic Ltd 103CPCR308 Datasheet HTML 5Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EasyPlug™ CompactPCI Backplane
Line Drawing
ORDER INFORMATION
Slots
Height
Width
Description
Part Number
8
3U
7.999 in.
One 47-pin, vertical, right justified
103CPCR308
8
6U
8.000 in.
One 47-pin, vertical, right justified
103CPCR608
14
6U
15.967 in.
Three 47-pin, vertical, right justified
103CPCI614
14
6U
15.967 in.
Three 47-pin, vertical, H.110, right justified
103CTEL614
16
6U
15.967 in.
Two 47-pin, vertical, left justified
103CPCL616
16
6U
15.967 in.
Two 47-pin, vertical, H.110, left justified
103CTEL616
2
9U
1.670 in.
One 47-pin, horizontal, left justified
103CPCI902
2
9U
1.670 in.
One 47-pin, horizontal, H.110, left justified
103CTEL902
4
9U
3.180 in.
Two 47-pin, horizontal, left justified
103CPCI904
4
9U
3.180 in.
Two 47-pin, horizontal, H.110, left justified
103CTEL904
6
9U
4.700 in.
Two 47-pin, horizontal, left justified
103CPCI906
6
9U
4.700 in.
Two 47-pin, horizontal, H.110, left justified
103CTEL906
8
9U
6.380 in.
Three 47-pin, horizontal, left justified
103CPCI908
8
9U
6.380 in.
Three 47-pin, horizontal, H.110 left justified
103CTEL908
0.361
0.000
5.600
6.000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com