Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

103CPCR308 Datasheet(PDF) 5 Page - Elma Electronic Ltd

Part # 103CPCR308
Description  EasyPlug™ CompactPCI Backplane
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

103CPCR308 Datasheet(HTML) 5 Page - Elma Electronic Ltd

  103CPCR308 Datasheet HTML 1Page - Elma Electronic Ltd 103CPCR308 Datasheet HTML 2Page - Elma Electronic Ltd 103CPCR308 Datasheet HTML 3Page - Elma Electronic Ltd 103CPCR308 Datasheet HTML 4Page - Elma Electronic Ltd 103CPCR308 Datasheet HTML 5Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EasyPlug™ CompactPCI Backplane
Design Elements
Power Distribution
The Elma Bustronic EasyPlug CPCI backplane series features the 47-pin Positronic power connector. The 3U
and 6U cPCI versions are standardly with the power connectors in a vertically oriented position. The 9U cPCI are
standardly with the power connectors in a horizontally oriented position.
Signal Layout
The Elma Bustronic design conforms to the PICMG basic specification 2.0 R3.0 and basic Hot Swap specifications
2.0 R2.0. Some versions comply with the PICMG 2.5 R 1.0 Computer Telephony and/or PICMG 2.16 Packet
Switching specifications. A minimum stub length is utilized in routing and interconnecting to the signal traces. Our
design techniques avoid crosstalk and noise caused by inadequate ground and power.
Jumpering
Jumpers can be installed to close a circuit. The backplane has labeled areas for jumper installation. The following
applies to all of Elma Bustronic’s CompactPCI and H.110 backplanes in 2-8 slot sizes. Configurations with 2-5
slots have an addition jumper consideration, the M66EN# jumper.
64-EN# Jumper
If the jumper is installed, 64-EN# P2-B5 (see Hot Swap specification, PICMG 2.1) is ground, and 64-bit boards
will initialize for 64-bit operation. If the jumper is not installed, 64-EN# isopen, and 64-bit boards will initialize for
32-bit operation.
2-5 Slot Backplane Only
M66EN# Jumper
If the jumper is installed M66EN# P1-D21 is ground and the backplane operates in 33MHz mode. If the jumper
is not installed M66EN# is bussed and the backplane operates in 66MHz mode.
Related Products from
Elma Electronic:
• System Platforms – need a chassis for your backplane?
• cPCI Embedded Computing Products – SBCs,
Switches, Storage, and More
Did you know we also offer with this cPCI
backplane?
• cPCI Extenders, load boards, RTMs, test
modules
• Customization, integration



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com