Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4810 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STW4810
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STW4810_07 Datasheet HTML 48Page - STMicroelectronics STW4810_07 Datasheet HTML 49Page - STMicroelectronics STW4810_07 Datasheet HTML 50Page - STMicroelectronics STW4810_07 Datasheet HTML 51Page - STMicroelectronics STW4810_07 Datasheet HTML 52Page - STMicroelectronics STW4810_07 Datasheet HTML 53Page - STMicroelectronics STW4810_07 Datasheet HTML 54Page - STMicroelectronics STW4810_07 Datasheet HTML 55Page - STMicroelectronics STW4810_07 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 78 page
background image
Electrical and timing characteristics
STw4810
52/78
5.3.4
VIO_VMEM DC/DC step-down converter
VCORE regulator in sleep mode (SLEEP= ‘1’)
VBAT
Input power supply Battery voltage
2.7
3.6
4.8
V
VRIPPLE
VCORE output
voltage ripple
10
mVpp
LIR
Line regulation
VBAT: [2.7; 4.8]V
10
mV
LDR
Load regulation
IOUT: [0.1; 5] mA
10
mV
IOUT
VCORE output
current
5mA
PEFF
Power efficiency
VBAT= 3.6 V
IOUT: [0.1; 5] mA
85
%
IQ
Quiescent current
IOUT = 0 mA
20
30
µA
LIRT
Transient line
regulation
Δ VBAT= 300 mV
tR = tF = 10 µs
7mV
1.
Guaranteed by design
2.
Guaranteed by design
Table 38.
VCORE DC/DC step-down converter (continued)
Symbol
Description
Test conditions
Min.
Typ.
Max.
Units
Table 39.
VIO_VMEM DC/DC step-down converter
Symbol
Description
Test conditions
Min.
Typ.
Max.
Units
VIO_VMEM regulator in normal mode (SLEEP = ‘0’)
VBAT
Input power supply Battery voltage
2.7
3.6
4.8
V
VOUT
Output voltage (1)
-3%
1.8
+3%
V
VRIPPLE
Output ripple
10
mVpp
LIR
Line regulation
VBAT: [2.7; 4.8]V
10
mV
LDR
(2)
Load regulation
IOUT: [0.1; 600] mA
10
mV
IOUT
Output current
600
mA
PEFF
Power efficiency
VBAT = 3.6 V,
VIO = 1.8 V
IOUT= 100 mA
90
%
ISHORT
Short circuit
current limitation(2)
0.9
1.2
1.4
A
IQ
Quiescent current
IOUT = 0 mA
130
250
µA
PSRR(2)
Power supply
rejection
Vpp = 0.3 V
[0; 20] kHz
40
dB
LIRT
Transient line
regulation
ΔVBAT = 300 mV
tR = tF = 10 µs
7
mV
LDRT
Transient load
regulation
IOUT= [1; 600] mA
tR = tF = 100 ns
70
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com