Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4810 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STW4810
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STW4810_07 Datasheet HTML 41Page - STMicroelectronics STW4810_07 Datasheet HTML 42Page - STMicroelectronics STW4810_07 Datasheet HTML 43Page - STMicroelectronics STW4810_07 Datasheet HTML 44Page - STMicroelectronics STW4810_07 Datasheet HTML 45Page - STMicroelectronics STW4810_07 Datasheet HTML 46Page - STMicroelectronics STW4810_07 Datasheet HTML 47Page - STMicroelectronics STW4810_07 Datasheet HTML 48Page - STMicroelectronics STW4810_07 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 78 page
background image
STw4810
Functional description
45/78
The two bits of USB control register dp_pullup and dn_pullup (
Table 12) are used to
connect/disconnect pull-up resistors.
Session Request Protocol (SRP)
To save power, the OTG supplement allows an A-device to leave the VBUS turned off when
the bus is not being used. If the B-device wants to use the bus when VBUS is turned off,
then it requires the A-device to supply power on VBUS using the Session Request Protocol
(SRP).
●
Initial conditions
The B-device does not attempt to start a new session until it has determined if the A-device
has detected the end of the previous session. The B-device must ensure that VBUS is below
VBUS_SESSION_END before requesting a new session.
Additionally, the B-device switches a pull-down resistor (R_VBUS_PD) from VBUS to
ground in order to quicken the discharge process as long as the B-device does not draw
more than 8 mA from VBUS. R_VBUS_PD is activated by bit ‘vbus_dischrg’ of USB control
register 2, (
Table 12).
When the B-device detects that VBUS is below the VBUS_SESSION_END and that both
DP and DN have been low (SEO) for at least 2 ms, then any previous session on the A-
device is over and a new session can start.
●
Data-line pulsing
To indicate a request for a new session using the data line pulsing, the B-device turns on the
DP pull-up resistor for 5 ms to 10 ms (only at full speed, no DN pulsing). The DP pull-up
resistor is connected to VUSB (regulator output voltage). Timing is controlled by the USB
digital control.
●
VBUS pulsing
To indicate a request for a new session using the VBUS pulsing method, the B-device waits
for the initial conditions and then drives VBUS. VBUS is driven for a long enough period for a
capacitance on VBUS that is smaller than 2x6.5 µF to be charged to 2.1 V while a
capacitance on VBUS higher than 97 µF is not charged above 2.0 V. In this USB block, the
VBUS_SESSION_VALID threshold is used to determine if an A-device is DRD (dual role
device) or a standard host.
The B-device VBUS pulsing block is designed so that the maximum drawn current does not
exceed 8 mA. In this USB block, the pull-up is 600
Ω +/- 30%.
If a B-device is attached to a standard device, the pull-up must be disconnected after the
defined timing to prevent damage of standard hosts not designed to withstand a voltage
externally applied to VBUS.
●
Session Request Protocol (SRP)
If the B-device is in correct condition to start a new session, it first performs data line
pulsing, followed by VBUS pulsing. When VBUS next crosses the SESSION VALID
threshold, the B- device considers a session to be in progress and asserts the DP or DN
data line within 100 ms. After SRP initialization, the B- device is set up to wait for at least 5
seconds for the A-device to respond before informing the user that the consumption attempt
has failed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com