Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4810 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STW4810
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STW4810_07 Datasheet HTML 37Page - STMicroelectronics STW4810_07 Datasheet HTML 38Page - STMicroelectronics STW4810_07 Datasheet HTML 39Page - STMicroelectronics STW4810_07 Datasheet HTML 40Page - STMicroelectronics STW4810_07 Datasheet HTML 41Page - STMicroelectronics STW4810_07 Datasheet HTML 42Page - STMicroelectronics STW4810_07 Datasheet HTML 43Page - STMicroelectronics STW4810_07 Datasheet HTML 44Page - STMicroelectronics STW4810_07 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 78 page
background image
STw4810
Functional description
41/78
VBUS monitoring
These comparators monitor the VBUS voltage. They detect the current status of the VBUS
line:
●
VBUS > 4.4 V means VBUS_VALID
●
2 V<VBUS<4.4 V means SESSION_VALID
●
VBUS<0.8 V means SESSION_END
These three bits generate an interrupt when active (see USB interrupt registers).
VUSB LDO: Internal regulator which provides power supply for the bus driver and receiver.
ID detector: This block detects the status of the ID line. It is capable of detecting three
different states of line: ball is floating ID_FLOAT high, ball is tied to ground ID_GND high and
ball ID is grounded via resistor. This detection generates interrupts (see USB interrupt
registers).
Transceiver: The driver can operate in several different modes. It can act as a classical low-
speed and full-speed differential driver, as two independent single-ended drivers or as a
single-ended driver in UART mode. This block contains one differential receiver for the USB
mode of operation and two single-ended receivers for USB signaling and UART mode.
DP monitor: This block is used to detect car kit peripheral (0.6 V on DP).
Pull up and pull down resistor: Configurable integrated pull-up and pull-down resistor of
data line and VBUS.
4.4.2
Modes and operations
Power modes
The transceiver power modes are:
●
Active power mode
●
Suspended power mode
●
Power down mode
In suspended power mode the differential transmitter and receiver are turned off to save
power but the USB interface is still active (pull-up and pull-down on, VBUS on). In power
down mode, only the serial interface is active and the transceiver is able to detect SRP. In
power down mode, ID ball sensing can be turned on/off via a control bit in the control
registers.
USB modes
The two transceiver modes are:
●
DAT_SEO mode (dat_se0 = 1 in USB control register 1 -
Table 11)
●
VP_VM mode (dat_se0 = 0 in USB control register 1 -
Table 11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com