Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4810 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STW4810
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STW4810_07 Datasheet HTML 45Page - STMicroelectronics STW4810_07 Datasheet HTML 46Page - STMicroelectronics STW4810_07 Datasheet HTML 47Page - STMicroelectronics STW4810_07 Datasheet HTML 48Page - STMicroelectronics STW4810_07 Datasheet HTML 49Page - STMicroelectronics STW4810_07 Datasheet HTML 50Page - STMicroelectronics STW4810_07 Datasheet HTML 51Page - STMicroelectronics STW4810_07 Datasheet HTML 52Page - STMicroelectronics STW4810_07 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
STw4810
Electrical and timing characteristics
49/78
5
Electrical and timing characteristics
Otherwise specified parameters are defined for T = 25°C. / VBAT = 3.6 V
5.1
Absolute maximum rating
5.2
Package dissipation
5.3
Power supply
Note:
STw4810 has different ways to go in sleep mode.
The different possibilities for VCORE, VIO_VMEM and VAUX to be programmed to sleep
mode are given in
Table 30 and Table 27.
In all the following tables:
–
“Normal mode” is defined as “SLEEP = ‘0’”
–
“Sleep mode” is defined as “SLEEP = ‘1’”
Use
Table 27 to refer to each Vxxx supply (VCORE or VIO_VMEM or VAUX).
Table 34.
STw4810 absolute maximum ratings
Symbol
Description
Values
Units
Maximum power supply
-0.5 to 7
V
Ta
Maximum operating ambient temperature
-30 to 85
°C
VESD
Electrostatic discharge model
Human body model(1)
1.
HBM tests have been performed in compliance with JESD22-A114-B and ESD STM 5.1-2001.HBM
-2 to +2
kV
Charge device
model(2)
2.
CDM tests have been performed in compliance with CDM ANSI-ESD STM 5.3.1-1999
-450 to +750
V
Table 35.
Package dissipation
Symbol
Description
Min.
Typ.
Max.
Units
TFBGA 84 6x6x1.2mm 0.5mm ball pitch
RTHJ-A
Thermal resistance Junction to Ambient
70
°C/W
VFBGA84 4.6x4.6x1.0mm 0.4mm ball pitch
RTHJ-A
Thermal resistance Junction to Ambient
76
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com