Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4810 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STW4810
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STW4810_07 Datasheet HTML 43Page - STMicroelectronics STW4810_07 Datasheet HTML 44Page - STMicroelectronics STW4810_07 Datasheet HTML 45Page - STMicroelectronics STW4810_07 Datasheet HTML 46Page - STMicroelectronics STW4810_07 Datasheet HTML 47Page - STMicroelectronics STW4810_07 Datasheet HTML 48Page - STMicroelectronics STW4810_07 Datasheet HTML 49Page - STMicroelectronics STW4810_07 Datasheet HTML 50Page - STMicroelectronics STW4810_07 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 78 page
background image
STw4810
Functional description
47/78
4.4.3
USB enable control
STw4810 OFF
In this state, the overall system is able to detect USB connection through IT_WAKE_UP ball
and with VBUS session valid comparator and ID detection ON.
IT_WAKE_UP is activated (low level) in either of the two following cases:
–
When Mini A connector cable is connected and ID goes low
–
When activity on VBUS, i.e. a mini B is connected and is able to communicate.
This mode is used to wake-up the modem platform. In this configuration, USBINTn
ball is not enabled.
STw4810 ON, USB driver not enabled
The USBINTn is now enabled.
If the USB cable is already connected while STw4810 is starting, the USB driver will be
enabled when power management is ready.
●
Wake-up USB driver conditions
–
A plug-in on a mini A-device and active ID detector
–
B device is connected and ready to start data transfer, VBUS is driven high
(session valid high)
–
Activity on USB registers (00h to 0Fh -
Table 9 to Table 16). Multimedia processor
ready to wake-up and set-up USB PHY.
–
Possibility to force PHY high (enable) when writing usb_en = 1 in USB EN register
(
Table 17)
●
Set condition: one among the following possibilities
–
External it_wake_up =0
–
usb_en = 1 by writing to I²C USB interface
–
Access to any other USB register (00h to 0Fh)
●
Power down USB driver conditions in order to set the USB driver to power down mode:
–
it_wake_up = 1, and only then
–
Set usb_en bit of USB EN register (
Table 17) to “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com