Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 44 Page - Texas Instruments

Part # TMS320DM647
Description  Digital Media Processor
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TMS320DM647_08 Datasheet HTML 40Page - Texas Instruments TMS320DM647_08 Datasheet HTML 41Page - Texas Instruments TMS320DM647_08 Datasheet HTML 42Page - Texas Instruments TMS320DM647_08 Datasheet HTML 43Page - Texas Instruments TMS320DM647_08 Datasheet HTML 44Page - Texas Instruments TMS320DM647_08 Datasheet HTML 45Page - Texas Instruments TMS320DM647_08 Datasheet HTML 46Page - Texas Instruments TMS320DM647_08 Datasheet HTML 47Page - Texas Instruments TMS320DM647_08 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 167 page
background image
www.ti.com
3.2.7
ESS_LOCK
3.2.8
MAC Address Registers
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372A – MAY 2007 – REVISED JUNE 2007
Table 3-7. PCI/UHPI/GPIO Block: PCI MUXed With UHPI and GPIO[0:7]
MUXED(1)
PCI
UHPI/GPIO[0:7]
UHPIEN (pin)
1
UHPI/GPIO[0:7]
0
PCI
(1)
The complete list of pin:AA22, AB22, AC21, AA23, AC22, AB21, AA21, Y21, AB20, AA20, Y20, Y19, AB18, AA19, AC18, AA18, Y16,
AB15, AA15, Y15, W15, V15, AC14, AB14, W14, V14, AC13, AB13, AA13, Y13 , W13, V13, W19, Y18, Y17, W17, W18, AC20, AC17,
W16, Y14, AC15, AA16, AB17, U13, U12, V12, AA12, AA17, AA14.
For information on the Ethernet Subsystem registers, see the TMS320DM647/DM648 DMP DSP
Subsystem Reference Guide (literature number SPRUEU6).
Figure 3-7. SerDes Macro Configuration (SERDES_CFG_CNTL) Register
31
16
Reserved
15
10
9
8
7
5
4
1
0
Reserved
LB
Reserved
MPY
ENPLL
R-0
R/W-0
R-0
R/W-1001
R/W-1
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
The ESS_LOCK register protects the Ethernet Subsystem MMR space (0x02D0 0000 - 0x02D0 4FFF)
and the Ethernet Subsystem's LPSC (LPSC34) MDCTL register (0x0204 6088). The default value of
ESS_LOCK is 0x0000 0000 and read/write is allowed to Ethernet Subsystem MMR space and MDCTL
[34]. To lock the write access to both Ethernet Subsystem MMR space and MDCTL [34], software must
write a value of 0x AAAA AAAA to the ESS_LOCK register. To make sure that the desired lock has been
achieved, the software must read the ESS_LOCK register till it gets a value of 0x1. The software must
make sure that there are no pending accesses to either the Ethernet Subsystem MMR space or MDCTL
[34]. Read access to both Ethernet Subsystem MMR space and MDCTL [34] should be unaffected while
write accesses are locked. To unlock the write access to Ethernet Subsystem MMR space and MDCTL
[34], the software must write a value of 0xCCCC CCCC to ESS_LOCK. To make sure that the desired
write lock has been removed, the software must read ESS_LOCK till it gets a value of 0x0.
Figure 3-8. ESS_LOCK Register
31
0
ESS_LOCK
R/W-0x00000000
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
• MAC_ADDR_R0
• MAC_ADDR_R1
• MAC_ADDR_RW0
• MAC_ADDR_RW1
In DM647/DM648, two sets of registers provide default MAC addresses for the device. One set -
MAC_ADDR_R0 and MAC_ADDR_R1 - is read only and the other set - MAC_ADDR_RW0 and
MAC_ADDR_RW1 - includes read and write registers.
Device Configuration
44
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com