Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320DM647
Description  Digital Media Processor
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320DM647_08 Datasheet HTML 1Page - Texas Instruments TMS320DM647_08 Datasheet HTML 2Page - Texas Instruments TMS320DM647_08 Datasheet HTML 3Page - Texas Instruments TMS320DM647_08 Datasheet HTML 4Page - Texas Instruments TMS320DM647_08 Datasheet HTML 5Page - Texas Instruments TMS320DM647_08 Datasheet HTML 6Page - Texas Instruments TMS320DM647_08 Datasheet HTML 7Page - Texas Instruments TMS320DM647_08 Datasheet HTML 8Page - Texas Instruments TMS320DM647_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 167 page
background image
www.ti.com
1
TMS320DM647/TMS320DM648 Digital Media Processor
1.1 Features
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372A – MAY 2007 – REVISED JUNE 2007
• High-Performance Digital Media Processor
• C64x+ L1/L2 Memory Architecture
(DM647/DM648)
–
256K-bit (32K-byte) L1P Program Cache
–
720, 900-MHz C64x+™ Clock Rate
[Direct Mapped]
–
1.39, 1.11-ns Instruction Cycle Time
–
256K-bit (32K-byte) L1D Data Cache
[2-Way Set-Associative]
–
5760, 7200 MIPS
–
2M-bit/256K-byte (DM647) or
–
Eight 32-Bit C64x+ Instructions/Cycle
4M-Bit/512K-byte) (DM648) L2 Unified
–
Fully Software-Compatible With
Mapped RAM/Cache [Flexible Allocation]
C64x/Debug
• Supports Little Endian Mode Only
–
Commercial Temperature Ranges
• Five Configurable Video Ports
• VelociTI.2™ Extensions to VelociTI™
–
Providing a Glueless I/F to Common Video
Advanced Very-Long-Instruction-Word (VLIW)
Decoder and Encoder Devices
TMS320C64x+™ DSP Core
–
Supports Multiple Resolutions/Video Stds
–
Eight Highly Independent Functional Units
With VelociTI.2 Extensions:
• VCXO Interpolated Control Port (VIC)
• Six ALUs (32-/40-Bit), Each Supports
–
Supports Audio/Video Synchronization
Single 32-bit, Dual 16-bit, or Quad 8-bit
• External Memory Interfaces (EMIFs)
Arithmetic per Clock Cycle
–
32-Bit DDR2 SDRAM Memory Controller
• Two Multipliers Support Four 16 x 16-bit
With 256M-Byte Address Space (1.8-V I/O)
Multiplies (32-bit Results) per Clock
–
Asynchronous 16-Bit Wide EMIF (EMIFA)
Cycle or Eight 8 x 8-bit Multiplies (16-Bit
With up to 64M-Byte Address Reach
Results) per Clock Cycle
–
Glueless Interface to Asynchronous
–
Load-Store Architecture With Non-Aligned
Memories (SRAM, Flash, and EEPROM)
Support
–
Synchronous Memories (SBSRAM and ZBT
–
64 32-bit General-Purpose Registers
SRAM)
–
Instruction Packing Reduces Code Size
–
Supports Interface to Standard Sync
–
All Instructions Conditional
Devices and Custom Logic (FPGA, CPLD,
–
Additional C64x+™ Enhancements
ASICs, etc)
• Protected Mode Operation
• Enhanced Direct-Memory-Access (EDMA)
• Exceptions Support for Error Detection
Controller (64 Independent Channels)
and Program Redirection
• 3-Port Gigabit Ethernet Switch Subsystem
• Hardware Support for Modulo Loop
• Four 64-Bit General-Purpose Timers (Each
Auto-Focus Module Operation
Configurable as Two 32-Bit Timers)
• C64x+ Instruction Set Features
• One UART (With RTS and CTS Flow Control)
–
Byte-Addressable (8-/16-/32-/64-bit Data)
• One 4-wire Serial Port Interface (SPI) With Two
–
8-bit Overflow Protection
Chip-Selects
–
Bit-Field Extract, Set, Clear
• Master/Slave Inter-Integrated Circuit (I2C
–
Normalization, Saturation, Bit-Counting
Bus™)
–
VelociTI.2 Increased Orthogonality
–
C64x+ Extensions
• Multichannel Audio Serial Port (McASP)
• Compact 16-bit Instructions
–
Ten Serializers and SPDIF (DIT) Mode
• Additional Instructions to Support
• 16/32-Bit Host-Port Interface (HPI)
Complex Multiplies
• 32-Bit 33-/66-MHz, 3.3-V Peripheral Component
Interconnect (PCI) Master/Slave Interface
Conforms to PCI Specification 2.3
• VLYNQ™ Interface (FPGA Interface)
• On-Chip ROM Bootloader
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
PRODUCT PREVIEW information concerns products in the
Copyright © 2007–2007, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - TMS320DM647_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM647_0804 TI-TMS320DM647_0804 Datasheet
1Mb / 182P
Digital Media Processor
More results

Similar Description - TMS320DM647_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
Digital Media Processor
TMS320DM6437 TI-TMS320DM6437_08 Datasheet
2Mb / 305P
Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
Digital Media Processor
TMS320DM647 TI1-TMS320DM647_16 Datasheet
1Mb / 190P
Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_15 Datasheet
1Mb / 227P
Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_16 Datasheet
2Mb / 252P
Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_17 Datasheet
2Mb / 252P
Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_17 Datasheet
1Mb / 227P
Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433_17 Datasheet
2Mb / 271P
Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com