Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 84 Page - Texas Instruments

Part # TMS320DM647
Description  Digital Media Processor
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 84 Page - Texas Instruments

Back Button TMS320DM647_08 Datasheet HTML 80Page - Texas Instruments TMS320DM647_08 Datasheet HTML 81Page - Texas Instruments TMS320DM647_08 Datasheet HTML 82Page - Texas Instruments TMS320DM647_08 Datasheet HTML 83Page - Texas Instruments TMS320DM647_08 Datasheet HTML 84Page - Texas Instruments TMS320DM647_08 Datasheet HTML 85Page - Texas Instruments TMS320DM647_08 Datasheet HTML 86Page - Texas Instruments TMS320DM647_08 Datasheet HTML 87Page - Texas Instruments TMS320DM647_08 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 167 page
background image
www.ti.com
6.7.7
Reset Controller Register
6.7.8
Reset Electrical Data/Timing
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372A – MAY 2007 – REVISED JUNE 2007
The reset type status (RSTYPE) register is the only register for the reset controller.
6.7.7.1 Reset Type Status Register Description
The reset type status (RSTYPE) register latches the cause of the last reset. If multiple reset sources occur
simultaneously, this register latches the highest priority reset source. The reset type status register is
shown in Figure 6-9 and described in Table 6-22.
31
16
Reserved
R-0
15
4
3
2
1
0
Reserved
SRST
MRST
WRST
POR
R-0
R-0
R-0
R-0
R-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 6-9. Reset Type Status Register (RSTYPE)
Table 6-22. Reset Type Status Register (RSTYPE) Field Descriptions
Bit
Field
Value
Description
31:4
Reserved
Reserved. The reserved bit location is always read as 0. A value written to this field has no effect.
3
SRST
System reset
0
System Reset was not the last reset to occur.
1
System Reset was the last reset to occur.
2
MRST
Max reset
0
Max Reset was not the last reset to occur.
1
Max Reset was the last reset to occur.
1
WRST
Warm reset
0
Warm Reset was not the last reset to occur.
1
Warm Reset was the last reset to occur.
0
POR
Power-on reset
0
Power-on Reset was not the last reset to occur.
1
Power-on Reset was the last reset to occur.
NOTE
If a configuration pin must be routed out from the device, the internal pullup/pulldown
(IPU/IPD) resistor should not be relied upon; TI recommends the use of an external
pullup/pulldown resistor.
Table 6-23. Timing Requirements for Reset(1)(2) (see Figure 6-10 and Figure 6-11)
-720
-900
NO.
UNIT
MIN
MAX
5
tw(POR)
Pulse duration, POR low
(3)ns
6
tw(RESET)
Pulse duration, RESET low
ns
(1)
C = 1/CLKIN1 clock frequency in ns.
(2)
D = 1/CLKIN2 clock frequency in ns.
(3)
If CLKIN2 is not used, tw(POR) must be measured in terms of CLKIN1 cycles; otherwise, use CLKIN2 cycles.
Peripheral Information and Electrical Specifications
84
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com