Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 23 Page - Texas Instruments

Part # TMS320DM647
Description  Digital Media Processor
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMS320DM647_08 Datasheet HTML 19Page - Texas Instruments TMS320DM647_08 Datasheet HTML 20Page - Texas Instruments TMS320DM647_08 Datasheet HTML 21Page - Texas Instruments TMS320DM647_08 Datasheet HTML 22Page - Texas Instruments TMS320DM647_08 Datasheet HTML 23Page - Texas Instruments TMS320DM647_08 Datasheet HTML 24Page - Texas Instruments TMS320DM647_08 Datasheet HTML 25Page - Texas Instruments TMS320DM647_08 Datasheet HTML 26Page - Texas Instruments TMS320DM647_08 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 167 page
background image
www.ti.com
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372A – MAY 2007 – REVISED JUNE 2007
Table 2-4. TERMINAL FUNCTIONS (continued)
TERMINAL NAME
NO
TYPE
INTERNAL
OPER
DESCRIPTION
PULLUP/
VOLT
PULLDOWN
CONFIGURATION AND EMIFA
DEVICEENABLE0/
F2
I/O/Z
IPD
3.3 V
EMIFA External Address 20 (word address) (O/Z) For proper
AEA20
device operation, this pin must be externally pulled up with a 1-k
Ω
resistor at device reset
EMIFAWIDTH/AEA22
G3
I/O/Z
IPD
3.3 V
EMIFA External Address 22 (word address) (O/Z) EMIFA data bus
width selection pin state captured at the rising edge of RESET.
0 sets EMIFA CS2 to 8 bit data bus width
1 sets EMIFA CS2 to 16 bit data bus width. For details. see
Section 3.
FASTBOOT/AEA21
G2
I/O/Z
IPD
3.3 V
EMIFA External Address 22 (word address) (O/Z) Enables FAST
BOOT of the device. For details see Section 3.
UHPIEN
H2
I
IPD
3.3 V
UHPI enable pin. This pin controls the selection (enable/disable) of
the HPI and GPIO[0:7] muxed with PCI. For details see Section 3.
HPIWIDTH/AEA16
H3
I/O/Z
IPD
3.3 V
EMIFA External Address 16 (word address) (O/Z) HPI peripheral
bus width (HPI_WIDTH) select [Applies only when HPI is enabled;
UHPIEN pin = 1]
RSV_BOOT/AEA15
H6
I/O/Z
IPU
3.3 V
EMIFA External Address 15 (word address) (O/Z) For proper
device operation, this pin must be externally pulled up with a 1-k
Ω
resistor at device reset
PCI66/AEA18
G5
I/O/Z
IPD
3.3 V
PCI Frequency Selection (PCI66). The PCI peripheral must be
enabled (UHPIEN = 0) to use this function.PCI66_AEA18 selects
the PCI operating frequency of 66 MHz or 33 MHz. PCI operating
frequency is selected at reset via the pullup/pulldown resistor on
the PCI66 pin:AEA18:
0 - PCI operates at 33 MHz (default)
1 - PCI operates at 66 MHz.
BOOTMODE0/AEA11
F3
I/O/Z
IPD
3.3 V
0000 Master mode - Emulation Boot
BOOTMODE1/AEA12
F4
0001 Slave mode - HPI Boot (if UHPIEN = 1)
BOOTMODE2/AEA13
F5
or PCI Boot (if UHPIEN = 0) without auto-initialization
BOOTMODE3/AEA14
G6
0010 Slave mode - HPI Boot (if UHPIEN = 1)
or PCI Boot (if UHPIEN = 0) with auto-initialization
0011 Master mode - UART boot without flow control
0100 Master mode - EMIFA CS2 direct/fast boot
0101 Master mode - I2C boot
0110 Master mode - SPI boot
0111 Reserved
1000 Master mode - 3-port Ethernet Subsystem boot through
SGMII0 for DM647 only
Reserved in DM648
1001 Master mode - 3-port Ethernet Subsystem boot through
SGMII0 for DM648 only
Reserved in DM647
1010 Master mode - 3-port Ethernet Subsystem boot through
SGMII1 for DM648 only
Reserved in DM647
1011 Reserved
1100 Reserved
1101 Reserved
1110 Master mode - UART boot with flow control
1111 Reserved
INTER-INTEGRATED CIRCUIT (I2C)
SCL0
D22
I/O/Z
3.3 V
I2C clock. When the I2C module is used, use an external pullup
resistor.
SDA0
C23
I/O/Z
3.3 V
I2C data. When I2C is used, make certain there is an external
pullup resistor.
Submit Documentation Feedback
Device Overview
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com