Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 90 Page - Texas Instruments

Part # TMS320DM647
Description  Digital Media Processor
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 90 Page - Texas Instruments

Back Button TMS320DM647_08 Datasheet HTML 86Page - Texas Instruments TMS320DM647_08 Datasheet HTML 87Page - Texas Instruments TMS320DM647_08 Datasheet HTML 88Page - Texas Instruments TMS320DM647_08 Datasheet HTML 89Page - Texas Instruments TMS320DM647_08 Datasheet HTML 90Page - Texas Instruments TMS320DM647_08 Datasheet HTML 91Page - Texas Instruments TMS320DM647_08 Datasheet HTML 92Page - Texas Instruments TMS320DM647_08 Datasheet HTML 93Page - Texas Instruments TMS320DM647_08 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 167 page
background image
www.ti.com
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372A – MAY 2007 – REVISED JUNE 2007
Table 6-25. DSP Interrupts (continued)
DSP
EVENT
INTERRUPT SOURCE
INTERRUPT
NUMBER
91
Reserved
Reserved
92
Reserved
Reserved
93
Reserved
Reserved
94
Reserved
Reserved
95
Reserved
Reserved
96
INTERR
C64x+ Interrupt Controller Dropped CPU Interrupt Event
97
EMC_IDMAERR
C64x+ EMC Invalid IDMA Parameters
98
Reserved
Reserved
99
Reserved
Reserved
100
EFIINTA
EFI Interrupt from side A.
101
EFIINTB
EFI Interrupt from side B
102 - 112
Reserved
Reserved
113
L1P_ED
L1P Single bit error detected during DMA read
114-115
Reserved
Reserved
116
L2_ED1
L2 single bit error detected
117
L2_ED2
L2 two bit error detected
118
PDC_INT
Power Down sleep interrupt
119
Reserved
Reserved
120
L1P_CMPA
L1P CPU memory protection fault
121
L1P_DMPA
L1P DMA memory protection fault
122
L1D_CMPA
L1D CPU memory protection fault
123
L1D_DMPA
L1D DMA memory protection fault
124
L2_CMPA
L2 CPU memory protection fault
125
L2_DMPA
L2 DMA memory protection fault
126
IDMA_CMPA
IDMA CPU memory protection fault
127
IDMA_BUSERR
IDMA bus error interrupt
Peripheral Information and Electrical Specifications
90
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com