Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85R1002A Datasheet(PDF) 8 Page - RAMXEED LIMITED

Part # MB85R1002A
Description  1 M Bit (64 K x 16)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R1002A Datasheet(HTML) 8 Page - RAMXEED LIMITED

Back Button MB85R1002A Datasheet HTML 4Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 5Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 6Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 7Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 8Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 9Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 10Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 11Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 12Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
MB85R1002A
8
DS501-00004-6v1E
(2) Write Cycle
3. Pin Capacitance
Parameter
Symbol
Value
Unit
Min
Max
Write Cycle Time
tWC
150
ns
CE1 Active Time
tCA1
120
ns
CE2 Active Time
tCA2
120
ns
LB, UB Active Time
tBP
120
ns
Precharge Time
tPC
20
ns
Address Setup Time
tAS
0
ns
Address Hold Time
tAH
50
ns
LB, UB Setup Time
tBS
5
ns
Write Pulse Width
tWP
120
ns
Data Setup Time
tDS
0
ns
Data Hold Time
tDH
50
ns
Write Setup Time
tWS
0
ns
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
Input Capacitance
CIN
VDD  VIN  VOUT  0 V,
f  1 MHz, TA   25 oC
10
pF
Output Capacitance
COUT
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com