Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85R1002A Datasheet(PDF) 14 Page - RAMXEED LIMITED

Part # MB85R1002A
Description  1 M Bit (64 K x 16)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R1002A Datasheet(HTML) 14 Page - RAMXEED LIMITED

Back Button MB85R1002A Datasheet HTML 10Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 11Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 12Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 13Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 14Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 15Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 16Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 17Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 18Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
MB85R1002A
14
DS501-00004-6v1E
• C-V method of Latch-Up Resistance Test
Note : Charge voltage alternately switching 1 and 2 approximately 2 sec interval. This switching process is
considered as one cycle.
Repeat this process 5 times. However, if the latch-up condition occurs before completing 5 times, this
test must be stopped immediately.
REFLOW CONDITIONS AND FLOOR LIFE
[ JEDEC MSL ] : Moisture Sensitivity Level 3 (ISP/JEDEC J-STD-020E)
CURRENT STATUS ON CONTAINED RESTRICTED SUBSTANCES
This product complies with the regulations of REACH Regulations, EU RoHS Directive and China RoHS.
VDD
VSS
DUT
VIN
+
-
SW
1
2
C
200pF
V
A
Test
terminal
Protection Resistor
VDD
(Max.Rating)
Reference
terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com