Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85R1002A Datasheet(PDF) 2 Page - RAMXEED LIMITED

Part # MB85R1002A
Description  1 M Bit (64 K x 16)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R1002A Datasheet(HTML) 2 Page - RAMXEED LIMITED

  MB85R1002A Datasheet HTML 1Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 2Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 3Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 4Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 5Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 6Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 7Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 8Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
MB85R1002A
2
DS501-00004-6v1E
PIN ASSIGNMENTS
PIN DESCRIPTIONS
Pin Number
Pin Name
Functional Description
1 to 8, 18 to 25
A0 to A15
Address Input pins
29 to 36, 38 to 45
I/O1 to I/O16
Data Input/Output pins
26
CE1
Chip Enable 1 Input pin
12
CE2
Chip Enable 2 Input pin
11
WE
Write Enable Input pin
28
OE
Output Enable Input pin
14, 15
LB, UB
Data Byte Control Input pins
16, 37
VDD
Supply Voltage pins
Connect all two pins to the power supply.
13, 27, 46
VSS
Ground pins
Connect all three pins to ground.
9, 10, 17, 47, 48
NC
No Connect pins
Leave these pins open, or connect to VDD or
VSS.
A15
A14
A13
A12
A11
A10
A9
A8
NC
NC
WE
CE2
VSS
UB
LB
VDD
NC
A7
A6
A5
A4
A3
A2
A1
NC
NC
VSS
I/O16
I/O8
I/O15
I/O7
I/O14
I/O6
I/O13
I/O5
VDD
I/O12
I/O4
I/O11
I/O3
I/O10
I/O2
I/O9
I/O1
OE
VSS
CE1
A0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
(TSOP 48)
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com