Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85R1002A Datasheet(PDF) 13 Page - RAMXEED LIMITED

Part # MB85R1002A
Description  1 M Bit (64 K x 16)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R1002A Datasheet(HTML) 13 Page - RAMXEED LIMITED

Back Button MB85R1002A Datasheet HTML 9Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 10Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 11Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 12Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 13Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 14Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 15Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 16Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 17Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
MB85R1002A
DS501-00004-6v1E
13
ESD AND LATCH-UP
• Current method of Latch-Up Resistance Test
Note : The voltage VIN is increased gradually and the current IIN of 300 mA at maximum shall flow.
Confirm the latch up does not occur under IIN   300 mA.
In case the specific requirement is specified for I/O and IIN cannot be 300 mA, the voltage shall be
increased to the level that meets the specific requirement.
Test
DUT
Value
ESD HBM (Human Body Model)
JESD22-A114 compliant
MB85R1002ANC-GE1
|2000 V|
ESD MM (Machine Model)
JESD22-A115 compliant
|200 V|
ESD CDM (Charged Device Model)
JESD22-C101 compliant
|1000 V|
Latch-Up (I-test)
JESD78 compliant
Latch-Up (Vsupply overvoltage test)
JESD78 compliant
Latch-Up (Current Method)
Proprietary method
|300 mA|
Latch-Up (C-V Method)
Proprietary method
A
VDD
VSS
DUT
V
IIN
VIN
+
-
Test terminal
Protection Resistor
VDD
(Max.Rating)
Reference
terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com