Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85R1002A Datasheet(PDF) 1 Page - RAMXEED LIMITED

Part # MB85R1002A
Description  1 M Bit (64 K x 16)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R1002A Datasheet(HTML) 1 Page - RAMXEED LIMITED

  MB85R1002A Datasheet HTML 1Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 2Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 3Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 4Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 5Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 6Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 7Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 8Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Copyright 2024 RAMXEED LIMITED
Fujitsu Semiconductor Memory Solutions Limited has changed its name to RAMXEED Limited.
RAMXEED Limited will continue to offer and support existing products while maintaining Fujitsu's
part number unchanged.
Memory FeRAM
1 M Bit (64 K  16)
MB85R1002A
DESCRIPTIONS
The MB85R1002A is an FeRAM (Ferroelectric Random Access Memory) chip consisting of 65,536 words 
16 bits of nonvolatile memory cells fabricated using ferroelectric process and silicon gate CMOS process
technologies.
The MB85R1002A is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MB85R1002A can be used for 1010 read/write operations, which is a significant
improvement over the number of read and write operations supported by Flash memory and E2PROM.
The MB85R1002A uses a pseudo-SRAM interface.
FEATURES
• Bit configuration
: 65,536 words  16 bits
• LB and UB data byte control
• Read/write endurance
: 1010 times / byte
• Data retention
: 10 years (  55 C), 55 years (  35 C)
• Operating power supply voltage
: 3.0 V to 3.6 V
• Low power operation
: Operating power supply current 10 mA (Typ)
Standby current 10 A (Typ)
• Operation ambient temperature range :  40 C to + 85 C
• Package
: 48-pin plastic TSOP
RoHS compliant
DS501-00004-6v1E


Similar Part No. - MB85R1002A

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85R1002A FUJITSU-MB85R1002A Datasheet
206Kb / 16P
Memory FRAM CMOS 1 M Bit (64 K x 16)
MB85R1002A FUJITSU-MB85R1002A Datasheet
142Kb / 16P
1 M Bit (64 K 횞 16)
MB85R1002ANC-GE1 FUJITSU-MB85R1002ANC-GE1 Datasheet
142Kb / 16P
1 M Bit (64 K 횞 16)
MB85R1002ANC-GE1 FUJITSU-MB85R1002ANC-GE1 Datasheet
142Kb / 16P
1 M Bit (64 K 횞 16)
MB85R1002A_1107 FUJITSU-MB85R1002A_1107 Datasheet
142Kb / 16P
1 M Bit (64 K 횞 16)
More results

Similar Description - MB85R1002A

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29SL800TE-90 SPANSION-MBM29SL800TE-90 Datasheet
451Kb / 52P
FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
logo
fujitsu semiconductor
MB85R1002 FUJITSU-MB85R1002_07 Datasheet
367Kb / 15P
Memory FRAM CMOS 1 M Bit (64 K 횞 16)
MB85R1002 FUJITSU-MB85R1002_09 Datasheet
127Kb / 16P
Memory FRAM CMOS 1 M Bit (64 K 횞 16)
logo
Elpida Memory
HM51W16165 ELPIDA-HM51W16165 Datasheet
618Kb / 35P
16 M EDO DRAM (1-Mword x 16-bit) 4 k Refresh/1 k Refresh
HM5118165 ELPIDA-HM5118165 Datasheet
597Kb / 32P
16 M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
logo
fujitsu semiconductor
MB85R1002A FUJITSU-MB85R1002A Datasheet
206Kb / 16P
Memory FRAM CMOS 1 M Bit (64 K x 16)
MB85R1002A_1107 FUJITSU-MB85R1002A_1107 Datasheet
142Kb / 16P
1 M Bit (64 K 횞 16)
logo
Cypress Semiconductor
CY62126ESL CYPRESS-CY62126ESL_13 Datasheet
509Kb / 16P
1-Mbit (64 K x 16) Static RAM
CY7C1021DV33-10ZSXIT CYPRESS-CY7C1021DV33-10ZSXIT Datasheet
360Kb / 13P
1-Mbit (64 K x 16) Static RAM
logo
fujitsu semiconductor
MB85R1002ANC-GE1 FUJITSU-MB85R1002ANC-GE1 Datasheet
142Kb / 16P
1 M Bit (64 K 횞 16)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com