Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3011 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS3011
Description  Rail-to-rail high-speed comparator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3011 Datasheet(HTML) 5 Page - STMicroelectronics

  TS3011 Datasheet HTML 1Page - STMicroelectronics TS3011 Datasheet HTML 2Page - STMicroelectronics TS3011 Datasheet HTML 3Page - STMicroelectronics TS3011 Datasheet HTML 4Page - STMicroelectronics TS3011 Datasheet HTML 5Page - STMicroelectronics TS3011 Datasheet HTML 6Page - STMicroelectronics TS3011 Datasheet HTML 7Page - STMicroelectronics TS3011 Datasheet HTML 8Page - STMicroelectronics TS3011 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Table 5. VCC = 2.7 V, VICM = VCC/2, Tamb = 25 °C (unless otherwise specified)
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit
VIO
Input offset voltage (1)
-7
-0.1
7
mV
-40 °C < Tamb < 125 °C
-9
9
ΔVIO
Input offset voltage drift
-40 °C < Tamb < 125 °C
5
20
µV/°C
VHYST
Input hysteresis voltage (2)
2
mV
IIO
Input offset current (3)
1
20
pA
-40 °C < Tamb < 125 °C
100
IIB
Input bias current
1
20
-40 °C < Tamb < 125 °C
100
ICC
Supply current
No load, output high
0.52
0.65
mA
No load, output high, -40 °C < Tamb < 125 °C
0.9
No load, output low
0.66
0.89
No load, output low, -40 °C < Tamb < 125 °C
1.1
ISC
Short circuit current
Source
24
27
Sink
19
22
VOH
Output voltage high
Isource = 4 mA
2.48
2.52
V
-40 °C < Tamb < 125 °C
2.40
VOL
Output voltage low
Isink = 4 mA
130
170
mV
-40 °C < Tamb < 125 °C
220
CMRR
Common-mode rejection ratio
0 < VICM < 2.7 V
52
70
dB
TPLH
Propagation delay, low to high output level (4)
CL = 12 pF, RL = 1 MΩ, overdrive = 5 mV
16
ns
CL = 12 pF, RL = 1 MΩ, overdrive = 15 mV
11
CL = 12 pF, RL = 1 MΩ, overdrive = 50 mV
9
13
TPHL
Propagation delay, high to low output level (5)
CL = 12 pF, RL = 1 MΩ, overdrive = 5 mV
16
CL = 12 pF, RL = 1 MΩ, overdrive = 15 mV
11
CL = 12 pF, RL = 1 MΩ, overdrive = 50 mV
9
13
TR
Rise time (10 % to 90 %)
CL = 12 pF, RL = 1 MΩ, overdrive = 100 mV
2.3
TF
Fall time (90 % to 10 %)
CL = 12 pF, RL = 1 MΩ, overdrive = 100 mV
1.8
1. The offset is defined as the average value of positive (VTRIP+) and negative (VTRIP-) trip points (input voltage differences) requested to
change the output state in each direction.
2. Hysteresis is a built-in feature of the TS3011. It is defined as the voltage difference between the trip points.
3. Maximum values include unavoidable inaccuracies of the industrial tests.
4. Overdrive is measured with reference to the VTRIP+ point.
5. Overdrive is measured with reference to the VTRIP- point.
TS3011
Electrical characteristics
DS8604 - Rev 9
page 5/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com