Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3011 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS3011
Description  Rail-to-rail high-speed comparator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3011 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS3011 Datasheet HTML 6Page - STMicroelectronics TS3011 Datasheet HTML 7Page - STMicroelectronics TS3011 Datasheet HTML 8Page - STMicroelectronics TS3011 Datasheet HTML 9Page - STMicroelectronics TS3011 Datasheet HTML 10Page - STMicroelectronics TS3011 Datasheet HTML 11Page - STMicroelectronics TS3011 Datasheet HTML 12Page - STMicroelectronics TS3011 Datasheet HTML 13Page - STMicroelectronics TS3011 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
5
Application recommendation
When high speed comparators are used, it is strongly recommended to place a capacitor as close as possible to
the supply pins. Decoupling has two main advantages for this application: it helps to reduce electromagnetic
interference and rejects the ripple that may appear on the output.
A bypass capacitor combination, composed of 100 nF in addition to 10 nF and 1 nF in parallel is recommended
because it eliminates spikes on the supply line better than a single 100 nF capacitor. Each millimeter of the PCB
track plays an important role. Bypass capacitors must be placed as close as possible to the comparator supply
pin.
The smallest value capacitor should be preferably placed closer to the supply pin.
In addition, important values of input impedance in series with parasitic PCB capacity and input comparator
capacity create an additional RC filter. It generates an additional propagation delay.
For high speed signal applications, PCB must be designed with great care taking into consideration low resistive
grounding, short tracks and quality SMD capacitors featuring low ESR. Bypass capacitor stores energy and
provides a complementary energy tank when spikes occur on the power supply line. If the input signal frequency
is far from the resonant frequency, impedance strongly increases and the capacitor loses bypassing capability.
Placing different capacitors with different resonant frequencies allows a wide frequency bandwidth to be covered.
It is also recommended to implement an unbroken ground plane with low inductance.
Figure 21. High speed layout recommendation
TS3011
Application recommendation
DS8604 - Rev 9
page 10/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com