Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3011 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS3011
Description  Rail-to-rail high-speed comparator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3011 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS3011 Datasheet HTML 4Page - STMicroelectronics TS3011 Datasheet HTML 5Page - STMicroelectronics TS3011 Datasheet HTML 6Page - STMicroelectronics TS3011 Datasheet HTML 7Page - STMicroelectronics TS3011 Datasheet HTML 8Page - STMicroelectronics TS3011 Datasheet HTML 9Page - STMicroelectronics TS3011 Datasheet HTML 10Page - STMicroelectronics TS3011 Datasheet HTML 11Page - STMicroelectronics TS3011 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Figure 9. Output voltage drop vs. sourcing current, output
high, VCC = 5 V
1E-4
1E-3
0.01
0.1
1E-3
0.01
0.1
1
T = 25
oC
I
SOURCE(A)
T = 125
oC
T = -40
oC
V
CC = 5V
output HIGH
Figure 10. Input offset voltage vs. common mode voltage
0
1
2
3
4
5
-4
-2
0
2
4
V
TRIP-
V
CC= 5V
V
ICM(V)
V
TRIP+
Figure 11. Input offset voltage vs. temperature
-40
-20
0
20
40
60
80
100 120
-4
-2
0
2
4
V
TRIP-
V
CC= 5V
V
ICM= VCC/2
Temperature (
oC)
V
TRIP+
Figure 12. Propagation delay vs. common mode voltage
with negative transition
-0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
7
8
9
10
11
T= -40°C
T= 25°C
T= 125°C
V
ICM(V)
V
CC = 5V
V
OV= 50mV
Figure 13. Propagation delay vs. common mode voltage
with positive transition
-0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
T= -40°C
T= 25°C
T= 125°C
V
ICM(V)
V
CC = 5V
V
OV= 50mV
Figure 14. Propagation delay vs. power supply voltage
with negative transition
2.0
2.5
3.0
3.5
4.0
4.5
5.0
6
7
8
9
10
11
12
T= -40°C
T= 25°C
T= 125°C
V
CC (V)
V
ICM = 0V
V
OV= 50mV
TS3011
Electrical characteristic curves
DS8604 - Rev 9
page 8/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com