Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3011 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TS3011
Description  Rail-to-rail high-speed comparator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3011 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TS3011 Datasheet HTML 12Page - STMicroelectronics TS3011 Datasheet HTML 13Page - STMicroelectronics TS3011 Datasheet HTML 14Page - STMicroelectronics TS3011 Datasheet HTML 15Page - STMicroelectronics TS3011 Datasheet HTML 16Page - STMicroelectronics TS3011 Datasheet HTML 17Page - STMicroelectronics TS3011 Datasheet HTML 18Page - STMicroelectronics TS3011 Datasheet HTML 19Page - STMicroelectronics TS3011 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
List of figures
Figure 1.
Pin connection SC70-5 and SOT23-5 (top view) ............................................. 2
Figure 2.
Pin connection DFN8 2 x 2............................................................ 2
Figure 3.
Current consumption vs. power supply voltage - output low ..................................... 7
Figure 4.
Current consumption vs. power supply voltage - output high ..................................... 7
Figure 5.
Current consumption vs. temperature .................................................... 7
Figure 6.
Output voltage vs. sinking current, output low, VCC = 2.7 V...................................... 7
Figure 7.
Output voltage vs. sinking current, output low, VCC = 5 V ...................................... 7
Figure 8.
Output voltage drop vs. sourcing current, output high, VCC = 2.7 V ................................ 7
Figure 9.
Output voltage drop vs. sourcing current, output high, VCC = 5 V ................................. 8
Figure 10.
Input offset voltage vs. common mode voltage .............................................. 8
Figure 11.
Input offset voltage vs. temperature...................................................... 8
Figure 12.
Propagation delay vs. common mode voltage with negative transition .............................. 8
Figure 13.
Propagation delay vs. common mode voltage with positive transition ............................... 8
Figure 14.
Propagation delay vs. power supply voltage with negative transition ............................... 8
Figure 15.
Propagation delay vs. power supply voltage with positive transition ................................ 9
Figure 16.
Propagation delay vs. overdrive with negative transition, VCC = 2.7 V .............................. 9
Figure 17.
Propagation delay vs. overdrive with positive transition, VCC = 2.7 V ............................... 9
Figure 18.
Propagation delay vs. overdrive with negative transition, VCC = 5 V ................................ 9
Figure 19.
Propagation delay vs. overdrive with positive transition, VCC = 5 V ................................ 9
Figure 20.
Propagation delay vs. temperature ...................................................... 9
Figure 21.
High speed layout recommendation..................................................... 10
Figure 22.
SOT23-5 package outline ........................................................... 12
Figure 23.
SC70-5 (or SOT323-5) package outline .................................................. 13
Figure 24.
DFN8 2x2 mm package outline ........................................................ 14
TS3011
List of figures
DS8604 - Rev 9
page 18/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com