Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3011 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS3011
Description  Rail-to-rail high-speed comparator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3011 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS3011 Datasheet HTML 3Page - STMicroelectronics TS3011 Datasheet HTML 4Page - STMicroelectronics TS3011 Datasheet HTML 5Page - STMicroelectronics TS3011 Datasheet HTML 6Page - STMicroelectronics TS3011 Datasheet HTML 7Page - STMicroelectronics TS3011 Datasheet HTML 8Page - STMicroelectronics TS3011 Datasheet HTML 9Page - STMicroelectronics TS3011 Datasheet HTML 10Page - STMicroelectronics TS3011 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
4
Electrical characteristic curves
Figure 3. Current consumption vs. power supply voltage -
output low
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
0
100
200
300
400
500
600
700
800
900
1000
V
ICM =0V
Output LOW
V
CC(V)
T = -40
oC
T = 125
oC
T = 25
oC
Figure 4. Current consumption vs. power supply voltage -
output high
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
0
100
200
300
400
500
600
700
800
900
1000
V
ICM=0V
Output HIGH
V
CC(V)
T = -40
oC
T = 125
oC
T = 25
oC
Figure 5. Current consumption vs. temperature
-40
-20
0
20
40
60
80
100 120
300
400
500
600
700
800
900
Output HIGH
V
CC = 5V
V
ICM = 0V
Temperature (°C)
Output LOW
Figure 6. Output voltage vs. sinking current, output low,
VCC = 2.7 V
1E-4
1E-3
0.01
1E-3
0.01
0.1
1
T = 25
oC
I
SINK(A)
T = 125
oC
T = -40
oC
V
CC= 2.7V
output LOW
Figure 7. Output voltage vs. sinking current, output low,
VCC = 5 V
1E-4
1E-3
0.01
0.1
1E-3
0.01
0.1
1
T = 25
oC
I
SINK(A)
T = 125
oC
T = -40
oC
V
CC= 5V
output LOW
Figure 8. Output voltage drop vs. sourcing current, output
high, VCC = 2.7 V
1E-4
1E-3
0.01
1E-3
0.01
0.1
1
T = 25
oC
I
SOURCE(A)
T = 125
oC
T = -40
oC
V
CC= 2.7V
output HIGH
TS3011
Electrical characteristic curves
DS8604 - Rev 9
page 7/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com