Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4890IST Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4890IST
Description  Rail-to-rail output 1 W audio power amplifier with standby mode active low
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4890IST Datasheet(HTML) 1 Page - STMicroelectronics

  TS4890IST Datasheet HTML 1Page - STMicroelectronics TS4890IST Datasheet HTML 2Page - STMicroelectronics TS4890IST Datasheet HTML 3Page - STMicroelectronics TS4890IST Datasheet HTML 4Page - STMicroelectronics TS4890IST Datasheet HTML 5Page - STMicroelectronics TS4890IST Datasheet HTML 6Page - STMicroelectronics TS4890IST Datasheet HTML 7Page - STMicroelectronics TS4890IST Datasheet HTML 8Page - STMicroelectronics TS4890IST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
This is information on a product in full production.
February 2019
DocID8396 Rev 7
1/46
TS4890
Rail-to-rail output 1 W audio power amplifier with standby mode
active low
Datasheet
- production data
Features
• Operating from VCC= 2.2 V to 5.5 V
• 1 W rail-to-rail output power @ VCC= 5 V,
THD=1%, f=1 kHz, with 8
Ω load
• Ultra low consumption in standby mode (10 nA)
• 75 dB PSSR @ 217 Hz from 5 to 2.2 V
• Pop and click reduction circuitry
• Ultra low distortion (0.1%)
• Unity gain stable
• Available in SO8 and MiniSO8
Applications
• Mobile phones (cellular/cordless)
• Laptop/notebook computers
• PDAs
• Portable audio devices
Description
The TS4890 is an audio power amplifier, which
can deliver 1 W of continuous RMS output power
into 8 W load @ 5 V.
This audio amplifier shows 0.1% distortion level
(THD) from a 5 V supply for a Pout = 250 mW
RMS. An external standby mode control reduces
the supply current to less than 10 nA. An internal
thermal shutdown protection is also provided.
The TS4890 has been designed for high quality
audio applications such as mobile phones, and to
minimize the number of external components.
The unity-gain stable amplifier can be configured
by external gain setting resistors.
Table 1. Device summary(1)
1.
Available in tape and reel only.
Part number
Temp. range
Marking
TS4890IDT
-40 + 85 °C
4890
TS4890IST
4890I
www.st.com


Similar Part No. - TS4890IST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4890IST STMICROELECTRONICS-TS4890IST Datasheet
833Kb / 32P
RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
Jun-2003
More results

Similar Description - TS4890IST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4871 STMICROELECTRONICS-TS4871 Datasheet
1Mb / 28P
OUTPUT RAIL TO RAIL 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
Jun-2003
TS4872 STMICROELECTRONICS-TS4872 Datasheet
960Kb / 29P
RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
Oct-2002
TS4890 STMICROELECTRONICS-TS4890 Datasheet
833Kb / 32P
RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
Jun-2003
TS4972 STMICROELECTRONICS-TS4972 Datasheet
904Kb / 28P
1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
Jan-2003
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
30-Aug-2011
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
Nov-2005
TS4990 STMICROELECTRONICS-TS4990_08 Datasheet
716Kb / 32P
1.2 W audio power amplifier with active low standby mode
21-May-2008
TS4872 STMICROELECTRONICS-TS4872_05 Datasheet
1,018Kb / 29P
RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
Apr-2005
logo
Integrated Silicon Solu...
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
List of Unclassifed Man...
IS31AP4991-SLS2-TR ETC2-IS31AP4991-SLS2-TR Datasheet
418Kb / 11P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com