Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909IQT Datasheet(PDF) 17 Page - STMicroelectronics

Part # TS4909IQT
Description  Dual mode low power 150 mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909IQT Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TS4909IQT Datasheet HTML 13Page - STMicroelectronics TS4909IQT Datasheet HTML 14Page - STMicroelectronics TS4909IQT Datasheet HTML 15Page - STMicroelectronics TS4909IQT Datasheet HTML 16Page - STMicroelectronics TS4909IQT Datasheet HTML 17Page - STMicroelectronics TS4909IQT Datasheet HTML 18Page - STMicroelectronics TS4909IQT Datasheet HTML 19Page - STMicroelectronics TS4909IQT Datasheet HTML 20Page - STMicroelectronics TS4909IQT Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
TS4909
Electrical characteristics
Doc ID 11972 Rev 9
17/35
Figure 44. Power dissipation vs. output power,
PHG, Vcc = 3 V
Figure 45. Power dissipation vs. output power,
SE, Vcc = 3 V
0
1 02 03 0
4 05 06 0
0
20
40
60
80
100
120
RL = 3 2
Ω
RL = 1 6
Ω
P h antom G rou nd
V cc= 3V , F = 1 kH z
T HD+ N< 1 %
Output Power (mW)
0
5
10
15
20
25
30
35
4 0
4 5
5 0
5 5
0
5
10
15
20
25
30
35
40
RL = 3 2
Ω
RL = 1 6
Ω
Sin g le En d e d
V cc= 3V , F = 1k H z
T H D+ N< 1 %
Output Power (mW)
Figure 46. Power dissipation vs. output power,
PHG, Vcc = 5 V
Figure 47. Power dissipation vs. output power,
SE, Vcc = 5 V
0
2 0
4 0
6 0
8 0
100
12 0
140
16 0
0
50
10 0
15 0
20 0
25 0
30 0
RL = 3 2
Ω
RL = 1 6
Ω
P h a n to m G rou nd
Vcc= 5V, F= 1kH z
T HD+ N< 1 %
Output Power (mW)
0
2 0
4 0
6 0
8 0
1 0 0
1 2 0
140
16 0
0
20
40
60
80
100
RL = 3 2
Ω
RL = 1 6
Ω
Sin g le En d e d
Vcc= 5 V , F = 1 kH z, T HD+ N< 1 %
Output Power (mW)
Figure 48. Crosstalk vs. frequency, SE,
Vcc = 5 V, RL = 16 Ω, Av = 1
Figure 49. Crosstalk vs. frequency, SE,
Vcc = 5 V, RL = 32 Ω, Av = 1
100
1k
10k
-120
-100
-8 0
-6 0
-4 0
-2 0
0
OUT 2 to O U T 1
20k
20
OU T 1 to OU T 2
S ingle E nded
Vc c= 5 V , R L =1 6
Ω
Av =-1 , Po =9 0m W
T
AM B
= 25°C
Frequency (Hz)
100
1k
10k
-120
-100
-8 0
-6 0
-4 0
-2 0
0
O U T 2 to O U T 1
20k
20
O U T 1 to O U T 2
S ingle E n d e d
Vc c= 5 V , R L =32
Ω
A v = -1, P o = 60m W
T
AM B
= 25°C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com