Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909IQT Datasheet(PDF) 20 Page - STMicroelectronics

Part # TS4909IQT
Description  Dual mode low power 150 mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909IQT Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TS4909IQT Datasheet HTML 16Page - STMicroelectronics TS4909IQT Datasheet HTML 17Page - STMicroelectronics TS4909IQT Datasheet HTML 18Page - STMicroelectronics TS4909IQT Datasheet HTML 19Page - STMicroelectronics TS4909IQT Datasheet HTML 20Page - STMicroelectronics TS4909IQT Datasheet HTML 21Page - STMicroelectronics TS4909IQT Datasheet HTML 22Page - STMicroelectronics TS4909IQT Datasheet HTML 23Page - STMicroelectronics TS4909IQT Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Electrical characteristics
TS4909
20/35
Doc ID 11972 Rev 9
Figure 62. Power supply rejection ratio vs.
frequency vs. Vcc, PHG
Figure 63. Power supply rejection ratio vs.
frequency vs. Vcc, SE
1 0 0
1k
10 k
-8 0
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
0
V cc= 5V
V cc= 3V
20 k
20
V cc= 2.6 V
P h a n to m G rou nd, In p u ts gro und ed
Av=-1 , RL
≥16Ω, Cb=1μF, T
AM B
=2 5 ° C
Frequency (Hz)
1 0 0
1 k
10k
-8 0
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
0
V cc= 5V
V cc= 3V
20 k
20
V cc= 2 .6V
Single Ende d, Inpu ts grou nde d
Av= -1, R L
≥16Ω, Cb=1μF, T
AM B
=25° C
Frequency (Hz)
Figure 64. Power supply rejection ratio vs.
frequency vs. gain, PHG
Figure 65. Power supply rejection ratio vs.
frequency vs. gain, SE
1 0 0
1k
10 k
-8 0
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
0
Av =-4
Av= -1
20 k
20
Av= -2
P h a n to m G rou nd, In p u ts gro und ed
V cc= 3 V , R L
≥16Ω, Cb=1μF, T
AM B
=2 5 ° C
Frequency (Hz)
1 0 0
1 k
10k
-8 0
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
0
Av= -4
Av= -1
20 k
20
Av= -2
Single Ende d, Inpu ts grou nde d
Vcc = 3V, R L
≥16Ω, Cb=1μF, T
AM B
=25°C
Frequency (Hz)
Figure 66. PSRR vs. frequency vs. bypass
capacitor, PHG
Figure 67. PSRR vs. frequency vs. bypass
capacitor, SE
1 0 0
1k
10 k
-8 0
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
0
Cb = 1
μF
C b = 1 00n F
C b =470 nF
20 k
20
C b =22 0nF
P h a n to m G rou nd, In p u ts gro und ed
Av=-1 , RL
≥16Ω, Vcc=3V, T
AM B
=25 ° C
Frequency (Hz)
1 0 0
1 k
10k
-8 0
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
0
Cb = 1
μF
C b =100 nF
C b = 4 7 0nF
20 k
20
C b = 2 20n F
Single Ende d, Inpu ts grou nde d
Av= -1, R L
≥16Ω, Vcc=3V, T
AM B
=2 5 ° C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com