Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909IQT Datasheet(PDF) 19 Page - STMicroelectronics

Part # TS4909IQT
Description  Dual mode low power 150 mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909IQT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TS4909IQT Datasheet HTML 15Page - STMicroelectronics TS4909IQT Datasheet HTML 16Page - STMicroelectronics TS4909IQT Datasheet HTML 17Page - STMicroelectronics TS4909IQT Datasheet HTML 18Page - STMicroelectronics TS4909IQT Datasheet HTML 19Page - STMicroelectronics TS4909IQT Datasheet HTML 20Page - STMicroelectronics TS4909IQT Datasheet HTML 21Page - STMicroelectronics TS4909IQT Datasheet HTML 22Page - STMicroelectronics TS4909IQT Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
TS4909
Electrical characteristics
Doc ID 11972 Rev 9
19/35
Figure 56. SNR vs. power supply voltage,
PHG, A-weighted, Av = 1
Figure 57. SNR vs. power supply voltage,
SE, A-weighted, Av = 1
23
4
5
6
96
98
10 0
10 2
10 4
10 6
10 8
RL = 3 2
Ω
P h a n to m G rou nd
A -w e ig h te d F ilte r
Av =-1, T
AM B
=25 ° C
Cb = 1
μF
T HD+ N< 0 .4 %
Power Supply Voltage (V)
RL = 1 6
Ω
23
45
6
96
98
10 0
10 2
10 4
10 6
10 8
RL = 3 2
Ω
Sin g le En d e d
A -w e ighted Filter
Av= -1 , T
AM B
=2 5 ° C
Cb = 1
μF
T HD+ N< 0 .4 %
Power Supply Voltage (V)
RL = 1 6
Ω
Figure 58. SNR vs. power supply voltage,
PHG, unweighted, Av = 4
Figure 59. SNR vs. power supply voltage,
SE, unweighted, Av = 4
23
4
5
6
84
86
88
90
92
94
96
98
RL = 3 2
Ω
P h an to m G ro und
Av= -4 , T
AM B
=25°C
Cb = 1
μF
T HD+ N< 0 .4 %
Power Supply Voltage (V)
RL = 1 6
Ω
U n w e ig hted F ilte r (2 0H z -20 kH z)
23
4
5
6
86
88
90
92
94
96
RL = 3 2
Ω
S in g le Ende d
Av= -4 , T
AM B
=25°C
Cb = 1
μF
T HD+ N< 0 .4 %
Power Supply Voltage (V)
RL = 1 6
Ω
U n w e ig h te d F ilte r (2 0 H z -2 0 kH z)
Figure 60. SNR vs. power supply voltage,
PHG, A-weighted, Av = 4
Figure 61. SNR vs. power supply voltage,
SE, A-weighted, Av = 4
23
4
5
6
88
90
92
94
96
98
10 0
RL = 3 2
Ω
P h a n to m G rou nd
A -w e ig h te d F ilte r
Av =-4, T
AM B
=25 ° C
Cb = 1
μF
T HD+ N< 0 .4 %
Power Supply Voltage (V)
RL = 1 6
Ω
23
45
6
88
90
92
94
96
98
10 0
RL = 3 2
Ω
Sin g le En d e d
A -w e ighted Filter
Av= -4 , T
AM B
=2 5 ° C
Cb = 1
μF
T HD+ N< 0 .4 %
Power Supply Voltage (V)
RL = 1 6
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com