Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909IQT Datasheet(PDF) 28 Page - STMicroelectronics

Part # TS4909IQT
Description  Dual mode low power 150 mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909IQT Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TS4909IQT Datasheet HTML 24Page - STMicroelectronics TS4909IQT Datasheet HTML 25Page - STMicroelectronics TS4909IQT Datasheet HTML 26Page - STMicroelectronics TS4909IQT Datasheet HTML 27Page - STMicroelectronics TS4909IQT Datasheet HTML 28Page - STMicroelectronics TS4909IQT Datasheet HTML 29Page - STMicroelectronics TS4909IQT Datasheet HTML 30Page - STMicroelectronics TS4909IQT Datasheet HTML 31Page - STMicroelectronics TS4909IQT Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Application information
TS4909
28/35
Doc ID 11972 Rev 9
4.6
Wake-up time
When the standby is released to turn the device ON, the bypass capacitor C
b
is charged
immediately. As C
b
is directly linked to the bias of the amplifier, the bias will not work
properly until the C
b
voltage is correct. The time to reach this voltage plus a time delay of
40 ms (pop precaution) is called the wake-up time or t
WU
. It is specified in the electrical
characteristics tables with C
b
=1 μF (see
Section 3: Electrical characteristics on page 7).
If C
b
has a value other than 1 μF, you can calculate t
WU
by using the following formulas, or
read it directly from the graph in
Figure 82.
Single-ended configuration:
Phantom ground configuration:
Figure 82. Typical wake-up time vs. bypass capacitance
Note:
It is assumed that the C
b voltage is equal to 0 V. If the
C
b voltage is not equal to 0 V, the
wake-up time is lower.
4.7
Pop performance
Pop performance in the phantom ground configuration is closely linked with the size of the
input capacitor C
in
. The size of C
in
is dependent on the lower cut-off frequency and PSRR
values requested.
In order to reach low pop, C
in
must be charged to V
CC
/2 in less than 40 ms. To follow this
rule, the equivalent input constant time (R
in
C
in
) should be less then 8 ms.
τ
in =
R
in
xC
in
<0.008 s
By following the previous rules, the TS4909 can reach low pop even with a high gain such
as 20 dB.
t
WU
Cb
2.5
0.042
--------------------
40
[ms;
μF ]
+
=
t
WU
Cb
2.5
0.417
--------------------
40
[ms;
μF ]
+
=
012
345
0
50
100
150
200
250
300
350
T
AMB
=2 5° C
P hantom G round
Cb (μF)
S ingle E nded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com