Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2010H Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSC2010H
Description  High temperature, high voltage, precision, bidirectional current sense amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2010H Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSC2010H Datasheet HTML 2Page - STMicroelectronics TSC2010H Datasheet HTML 3Page - STMicroelectronics TSC2010H Datasheet HTML 4Page - STMicroelectronics TSC2010H Datasheet HTML 5Page - STMicroelectronics TSC2010H Datasheet HTML 6Page - STMicroelectronics TSC2010H Datasheet HTML 7Page - STMicroelectronics TSC2010H Datasheet HTML 8Page - STMicroelectronics TSC2010H Datasheet HTML 9Page - STMicroelectronics TSC2010H Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Vol
Output voltage low
Isink = 0.2 mA
Tmin < T < Tmax
12
20
30
mV
Iout
Output current
Sink mode
Tmin < T < Tmax
12
8
20
25
30
mA
Source mode
Tmin < T < Tmax
6
4
10
14
17
Reg Load
Load regulation
Iout = -10 to +4 mA
0.3
1.5
mV/mA
OFFSET adjustment
Rt
Ratiometric accuracy
0.5
V/V
Acc
Accuracy, RTO
Voltage applied to Vref1 and Vref2 in
parallel
0.1
%
Dynamic performances
BW
Small signal -3 dB bandwidth
Rl = 10 kΩ, Cl = 100 pF
kHz
TSC2010H
600
750
TSC2010H, Tmin < T < Tmax
270
TSC2011H
500
620
TSC2011H, Tmin < T < Tmax
225
TSC2012H
330
415
TSC2012H, Tmin < T < Tmax
150
SR
Slew rate
Rl = 10 kΩ, Cl = 100 pF, Vicm = 1 V
V/µs
TSC2010H, Vsense = 120 mV
3.0
3.9
TSC2010H, Tmin < T < Tmax
2.25
TSC2011H, Vsense = 40 mV
2.7
3.5
TSC2011H, Tmin < T < Tmax
2.1
TSC2012H, Vsense = 24 mV
2.0
2.8
TSC2012H, Tmin < T < Tmax
1.5
En
Noise, RTI
Spectral density, RTI
0.1 Hz to 10 Hz
f = 1 kHz
37
100
µVpp
nV/√Hz
Shutdown function (active high)
Vil
Logical low level
0
0.3xVcc
V
Vih
Logical high level
0.7xVcc
Vcc
Iih
Leakage current
Vshdn = Vcc (shutdown mode)
0.9
µA
Ton
Turn-on time
Vshdn = 2.7 V to 0 V, Rl = 10 kΩ
µs
TSC2011H
6
TSC2010H, TSC2012H
8
Toff
Turn-off time
Vshdn = 0 V to 2.7 V, Rl = 10 kΩ
µs
TSC2011H
4
TSC2010H, TSC2012H
5
TSC2010H, TSC2011H, TSC2012H
Electrical characteristics
DS13791 - Rev 2
page 6/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com