Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2010H Datasheet(PDF) 38 Page - STMicroelectronics

Part # TSC2010H
Description  High temperature, high voltage, precision, bidirectional current sense amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2010H Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TSC2010H Datasheet HTML 34Page - STMicroelectronics TSC2010H Datasheet HTML 35Page - STMicroelectronics TSC2010H Datasheet HTML 36Page - STMicroelectronics TSC2010H Datasheet HTML 37Page - STMicroelectronics TSC2010H Datasheet HTML 38Page - STMicroelectronics TSC2010H Datasheet HTML 39Page - STMicroelectronics TSC2010H Datasheet HTML 40Page - STMicroelectronics TSC2010H Datasheet HTML 41Page - STMicroelectronics TSC2010H Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
5.12
Overload recovery
Overload recovery is defined as the time required for the current sensing output to recover from a saturated state
to a linear state.
The saturation state occurs when the output voltage gets very close to rails in the application. It results from an
excessive input voltage.
When the output of the TSC2011H enters saturation state, less than 1 µs is needed to get back to a linear state
as shown by Figure 77 and Figure 78.
Figure 45 and Figure 46 show the overvoltage recovery for a VCC = 2.7 V.
Figure 77. Negative overvoltage recovery VCC = ± 2.5 V
Figure 78. Positive overvoltage recovery VCC = ± 2.5 V
TSC2010H, TSC2011H, TSC2012H
Application information
DS13791 - Rev 2
page 38/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com